Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 163 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 163 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 159Page - Microchip Technology LAN9500AI Datasheet HTML 160Page - Microchip Technology LAN9500AI Datasheet HTML 161Page - Microchip Technology LAN9500AI Datasheet HTML 162Page - Microchip Technology LAN9500AI Datasheet HTML 163Page - Microchip Technology LAN9500AI Datasheet HTML 164Page - Microchip Technology LAN9500AI Datasheet HTML 165Page - Microchip Technology LAN9500AI Datasheet HTML 166Page - Microchip Technology LAN9500AI Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 163
LAN950x
7.4.3
MAC ADDRESS LOW REGISTER (ADDRL)
This register contains the lower 32 bits of the physical address of the MAC, where ADDRL[7:0] is the first octet of the
Ethernet frame.
Table 7-5 illustrates the byte ordering of the ADDRL and ADDRH registers with respect to the reception of the Ethernet
physical address.
As an example, if the desired Ethernet physical address is 12-34-56-78-9A-BC, the ADDRL and ADDRH registers would
be programmed as shown in Figure 7-1.
Address:
108h
Size:
32 bits
Note:
(LAN9500A/LAN9500Ai ONLY):
This register is protected by Reset Protection (RST_PROTECT).
Bits
Description
Type
Default
31:0
Physical Address [31:0]
This field contains the lower 32 bits (32:0) of the Physical Address of this
MAC device.
R/W
FFFF_FFFFh
TABLE 7-5:
ADDRL, ADDRH BYTE ORDERING
ADDRL, ADDRH
Order of Reception on Ethernet
ADDRL[7:0]
1st
ADDRL[15:8]
2nd
ADDRL[23:16]
3rd
ADDRL[31:24]
4th
ADDRH[7:0]
5th
ADDRH[15:8]
6th
FIGURE 7-1:
EXAMPLE ADDRL, ADDRH ADDRESS ORDERING
0x12
0
7
0x34
8
15
0x56
16
23
0x78
24
31
ADDRL
0x9A
0
7
0xBC
8
15
ADDRH
xx
16
23
xx
24
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com