Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730I Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 35Page - Microchip Technology LAN9730I Datasheet HTML 36Page - Microchip Technology LAN9730I Datasheet HTML 37Page - Microchip Technology LAN9730I Datasheet HTML 38Page - Microchip Technology LAN9730I Datasheet HTML 39Page - Microchip Technology LAN9730I Datasheet HTML 40Page - Microchip Technology LAN9730I Datasheet HTML 41Page - Microchip Technology LAN9730I Datasheet HTML 42Page - Microchip Technology LAN9730I Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 39
LAN9730/LAN9730i
4.3.1.6.7
Other Speed Configuration Descriptor
The fields in this descriptor are derived from Configuration Descriptor information that is stored in the EEPROM.
Note 4-11
Value is loaded from EEPROM, but must be equal to the default value in order to comply with the USB
2.0 Specification and provide for normal device operation. Specification of any other value will result
in unwanted behavior and untoward operation.
Note 4-12
Default value is 01h in Self-Powered mode and FAh in Bus-Powered mode.
4.3.1.6.8
Device Qualifier Descriptor
The fields in this descriptor are derived from Device Descriptor information that is stored in the EEPROM.
TABLE 4-10:
OTHER SPEED CONFIGURATION DESCRIPTOR
Offset
Field
Size
(Bytes)
Default Value
Loaded from
EEPROM
Description
00h
bLength
1
09h
Note 4-11
Size of descriptor in bytes (9 bytes)
01h
bDescriptorType
1
07h
Note 4-11
Other Speed Configuration Descrip-
tor (0x07)
02h
wTotalLength
2
0027h
Note 4-11
Total length in bytes of data returned
(39 bytes)
04h
bNumInterfaces
1
01h
Note 4-11
Number of interfaces
05h
bConfigurationValue
1
01h
Note 4-11
Value to use as an argument to select
this configuration
06h
iConfiguration
1
00h
Yes
Index of String Descriptor describing
this configuration
07h
bmAttributes
1
A0h
Yes
Bus powered and remote wakeup
enabled.
08h
bMaxPower
1
Note 4-12
Yes
Maximum power consumption is
500 mA.
Note:
EEPROM values are obtained for the Configuration Descriptor at the other USB speed. I.e., if the current
operating speed is FS, then the HS Configuration Descriptor values are used, and vice-versa.
Note:
The RMT_WKP strap affects the default value of bmAttributes.
TABLE 4-11:
DEVICE QUALIFIER DESCRIPTOR
Offset
Field
Size
(Bytes)
Default Value
Loaded from
EEPROM
Description
00h
bLength
1
0Ah
No
Size of descriptor in bytes (10 bytes)
01h
bDescriptorType
1
06h
No
Device Qualifier Descriptor (0x06)
02h
bcdUSB
2
0200h
Note 4-13
USB Specification Number which
device complies to.
04h
bDeviceClass
1
FFh
Yes
Class Code
05h
bDeviceSubClass
1
00h
Yes
Subclass Code
06h
bDeviceProtocol
1
FFh
Yes
Protocol Code
07h
bMaxPacketSize0
1
40h
Note 4-13
Maximum packet size
08h
bNumConfigurations
1
01h
Note 4-13
Number of Other Speed Configura-
tions
09h
Reserved
1
00h
No
Must be zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com