Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730I Datasheet(PDF) 89 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 89 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 85Page - Microchip Technology LAN9730I Datasheet HTML 86Page - Microchip Technology LAN9730I Datasheet HTML 87Page - Microchip Technology LAN9730I Datasheet HTML 88Page - Microchip Technology LAN9730I Datasheet HTML 89Page - Microchip Technology LAN9730I Datasheet HTML 90Page - Microchip Technology LAN9730I Datasheet HTML 91Page - Microchip Technology LAN9730I Datasheet HTML 92Page - Microchip Technology LAN9730I Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 89
LAN9730/LAN9730i
4.7.2
EEPROM DEFAULTS
The signature value of 0xA5 is stored at address 0. A different signature value indicates to the EEPROM controller that
no EEPROM or an un-programmed EEPROM is attached to the device. In this case, the hardware default values are
used, as shown in Table 4-59. Refer to Section 4.3.1.6, "USB Descriptors" for further information about the default USB
values.
4.7.3
EEPROM AUTO-LOAD
Certain system level resets (USB reset, POR, nRESET, and SRST) cause the EEPROM contents to be loaded into the
device. After a reset, the EEPROM controller attempts to read the first byte of data from the EEPROM. If the value 0xA5
is read from the first address, then the EEPROM controller will assume that an external serial EEPROM is present.
The EEPROM controller will then load the entire contents of the EEPROM into an internal 512 byte SRAM. The contents
of the SRAM are accessed by the CTL (USB Control Block) as needed (i.e., to fill Get Descriptor commands). A detailed
explanation of the EEPROM byte ordering with respect to the MAC address is given in Section 6.4.3, "MAC Address
Low Register (ADDRL)".
If an 0xA5h is not read from the first address, the EEPROM controller will end initialization. The default values, as spec-
ified in Table 4-59, will then be assumed by the associated registers. It is then the responsibility of the host LAN driver
software to set the IEEE address by writing to the MAC’s ADDRH and ADDRL registers.
The device may not respond to the USB host until the EEPROM loading sequence has completed. Therefore, after
reset, the USB PHY is kept in the disconnect state until the EEPROM load has completed.
1
GPIO10 Detection Select
This bit selects the detection mode for GPIO10 when operating in PME mode. In PME mode, GPIO10 is
usable in both Internal and External PHY mode as a wakeup pin. This parameter defines whether the
wakeup should occur on an active high or active low signal.
0 = Active-low detection for GPIO10
1 = Active-high detection for GPIO10
Note:
If GPIO PME Enable is 0, this bit is ignored.
0
RESERVED
TABLE 4-59:
EEPROM DEFAULTS
Field
Default Value
MAC Address
FFFFFFFFFFFFh
Full-Speed Polling Interval (ms)
01h
Hi-Speed Polling Interval (ms)
04h
Configuration Flags
04h
Maximum Power (mA)
FAh
Vendor ID
0424h
Product ID
9730h
Note:
The Configuration Flags are affected by the RMT_WKP strap.
Note:
The USB reset only loads the MAC address.
TABLE 4-58:
GPIO PME FLAGS (CONTINUED)
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com