Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1001 Datasheet(PDF) 21 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 21 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 17Page - Microchip Technology UPD1001 Datasheet HTML 18Page - Microchip Technology UPD1001 Datasheet HTML 19Page - Microchip Technology UPD1001 Datasheet HTML 20Page - Microchip Technology UPD1001 Datasheet HTML 21Page - Microchip Technology UPD1001 Datasheet HTML 22Page - Microchip Technology UPD1001 Datasheet HTML 23Page - Microchip Technology UPD1001 Datasheet HTML 24Page - Microchip Technology UPD1001 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2014 Microchip Technology Inc.
DS00001759B-page 21
UPD1001
By selecting specific bins on both the CFG_SEL0 and CFG_SEL1 pins, predefined configurations may be selected.
These assignments configure multiple parameters of the device, including the following:
• Pin Configuration
• Receptacle Type
• USB Power Delivery Role Selection
A list of the configuration assignments along with the corresponding CFG_SEL0 and CFG_SEL1 bin settings, are
detailed in the following section:
• Section 3.3.1, "32-SQFN CFG_SELx Configuration Assignments," on page 21
For details on each configurable parameter, refer to the following sub-sections.
Captive A cable to micro-B solutions are not listed in the CFG_SELx assignment tables, but can be addressed as fol-
lows:
- When PD_DETECT and INSERTION_DETECT pin are grounded, the device infers a PD cable is always
attached and the source capabilities are limited to 3A.
-The CFG_SELx pin combinations for regular Standard-A solutions can be used for equivalent capabilities.
Captive B cable to A solutions are not listed in the CFG_SELx assignment tables, but can be addressed as follows:
- The proper capacitor marker, as per the USB Power Delivery Specification, should be positioned on the
PD_ID pin to signal a 3A or 5A cable.
-The CFG_SELx pin combinations for regular Standard-B solutions can be used for equivalent capabilities.
Note:
Only the bin combinations defined in the following tables are valid. All other bin combinations are reserved
and must not be used.
3.3.1
32-SQFN CFG_SELX CONFIGURATION ASSIGNMENTS
Table 3-3 details the various 32-SQFN CFG_SELx configuration assignments.
TABLE 3-3:
32-SQFN CFG_SELX CONFIGURATION ASSIGNMENTS
PD Consumer Abilities
PD Provider Abilities
1
32-A
STD-A
None
Profile 1
5
-
-
-
1
1
2
32-A
STD-A
None
Profile 1, 5V@3A
5
-
-
-
1
2
3
32-A
STD-A
None
Profile 1, 5V@5A
5
-
-
-
1
3
4
32-A
STD-A
None
Profile 1, 9V@2A
5
9
-
-
1
4
5
32-A
STD-A
None
Profile 1, 20V@3A
5
20
-
-
1
5
6
32-A
STD-A
None
Profile 1, 20V@5A
5
20
-
-
1
6
7
32-A
STD-A
None
Profile 2
5
12
-
-
1
7
8
32-A
STD-A
None
Profile 2, 9V@2A
5
9
12
-
1
8
9
32-A
STD-A
None
Profile 3
5
12
-
-
1
9
10
32-A
STD-A
None
Profile 3, 5V@3A
5
12
-
-
1
10
11
32-A
STD-A
None
Profile 3, 9V@3A
5
9
12
-
1
11
12
32-A
STD-A
None
Profile 3, 5V@3A, 9V@3A
5
9
12
-
1
12
13
32-A
STD-A
None
Profile 3, 5V@3A, 9V@3A,
16V@3A
5
9
12
16
1
13
14
32-A
STD-A
None
Profile 3, 9V@3A, PP-200
5
9
12
-
1
14
15
32-A
STD-A
None
Profile 3, PP-200
5
12
-
-
1
15
16
32-A
STD-A
None
Profile 4
5
12
20
-
1
16
17
32-A
STD-A
None
Profile 4, 5V@3A
5
12
20
-
2
1
18
32-A
STD-A
None
Profile 4, 9V@3A
5
9
12
20
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com