Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1001 Datasheet(PDF) 13 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 13 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 9Page - Microchip Technology UPD1001 Datasheet HTML 10Page - Microchip Technology UPD1001 Datasheet HTML 11Page - Microchip Technology UPD1001 Datasheet HTML 12Page - Microchip Technology UPD1001 Datasheet HTML 13Page - Microchip Technology UPD1001 Datasheet HTML 14Page - Microchip Technology UPD1001 Datasheet HTML 15Page - Microchip Technology UPD1001 Datasheet HTML 16Page - Microchip Technology UPD1001 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
 2014 Microchip Technology Inc.
DS00001759B-page 13
UPD1001
Source
Voltage
Select 2
VSEL2_N
OD8
This active low signal is one in a series of output pins
(VSEL0_N, VSEL1_N, VSEL2_N, and VSEL3_N) used to
select the correct source voltage from the DC-to-DC solu-
tion. Each VSELx_N pin is dedicated to one voltage,
assigned in order of increasing supported voltage.
Refer to the VSEL0_N definition for additional informa-
tion.
Note:
This function is only available in specific
device configurations.
Source
Voltage
Select 3
VSEL3_N
OD8
This active low signal is one in a series of output pins
(VSEL0_N, VSEL1_N, VSEL2_N, and VSEL3_N) used to
select the correct source voltage from the DC-to-DC solu-
tion. Each VSELx_N pin is dedicated to one voltage,
assigned in order of increasing supported voltage.
Refer to the VSEL0_N definition for additional informa-
tion.
Note:
This function is only available in specific
device configurations.
VBUS
Discharge
VBUS_DISCHARGE
O8
This active high output is used to drive a power NFET to
discharge VBUS during high-to-low voltage transitions in
order to achieve vSafe0V. When asserted, the external
MOSFET should conduct to GND through a current limit-
ing resistor. This signal de-asserts when the VMON sig-
nal voltage reaches a preset value (a percentage of the
destination voltage).
Emulation
Enable
CHG_EMU_EN
O8
This active high output signal can be used to drive the
Emulation Enable pin of a Microchip UCS1001 or similar
device that supports BC 1.2. The device will assert this
signal whenever operating at VSafe5V without a PD con-
tract. Whenever a PD contract is established (even at
5 V), this signal is de-asserted.
Note:
This function is only available in specific
device configurations.
TABLE 2-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com