Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO6E Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO6E
Description  Downhole and Well drilling equipments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO6E Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  MCSO6E Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO6E Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 11/02.2015
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Storage temp. range
-65 to +125°C
Vibration resistance
10 to 2000Hz / 40g
Shocks resistance
10000g / 0.3ms / ½ sine
TERMINATIONS AND
PROCESSING:
Reflow soldering
+260°C / 10s max
Package
Ceramic 3.5 x 2.2 x 1.2mm
Lids
Ceramic
Terminations option T3 on request
(not available on G temperature range)
with tinned Ag/Cu/Zn
E/D option 1 on request
Reaction time ˂ 1μs
Pin 1 open → Pin 3 Clock
H →
Clock
L →
Low
PRODUCT DESCRIPTION AND
ORDERING INFORMATION:
All specifications subject to change without notice.
Frequency «MHz»
4
8
10
12
16
20
24
40
50
60
Other frequencies from 10 kHz MHz to 60 MHz on request
STANDARD FREQUENCIES:
- No power E/D function (pin 1) before Vdd is setting on
- E/D option not available for F ˂ 500 kHz
- E/D option on request (very low consumption in disable mode).
W
= Vdd 2.5V
V
= Vdd 3.3V
blank
= Vdd 5V
C
= -55 to 125°C
E
= -55 to 150°C
D
= -55 to 175°C
G
= -55 to 210°C
X
= custom
Frequency
option 1 E/D
enable / disable
option 2
blank Au plasted
T3 = tinned
customer
spec N°
MCSO6E V - D 20MHz
E/D T3 XXX
TABLE 1: Idd
(Without load)
A unique part number will be generated for each product specification
20xxxx-EA00
xxx pcs
(in ESD plastic tray)
200xxx-ML00
xxx pcs
(in tape & reel, any quantity)
Frequency
F= 32 kHz
F=< 10MHz
≤ 20MHz
> 20MHz
W
=Vdd = 2.5V
< 300μA
< 2mA
< 3mA
< 15mA
V
=Vdd = 3.3V
< 1mA
< 4mA
< 5mA
< 20mA
blank =Vdd = 5V
< 2mA
< 6mA
< 7mA
< 30mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com