Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO6E Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO6E
Description  Downhole and Well drilling equipments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO6E Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO6E Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO6E Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO6E familypackage3.5×2.2mm
T range up to 210°C
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range C = -55 to +125°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 100
ppm
Frequency stability
Over temperature range E = -55 to +150°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 150
ppm
Frequency stability
Over temperature range D = -55 to +175°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 300
ppm
Frequency stability
Over temperature range G = -55 to +210°C
(see ordering info) Including
2)*
ΔF/F
≤ ± 400
ppm
Supply voltage ± 5%
1)*
Vdd
2.5 / 3.3 / 5
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time
For F=32.768 kHz rise & fall time ≤ 150ns
(load 15pf 20% to 80%)
≤7
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Downhole and Well drilling equipments
- Avionics
- Airbone equipments
- Geothermal equipments
The MCSO6's are supplied on trays (208 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
Package:
Bottom side
Recommended Solder Pad:
All dimensions in mm typical
* 1) C = 47nF ceramic must be connected between GND & Vdd
Operable over 2.3 to 5.5V
* 2) adjustment at +25°C, long term aging 1 year
over supply voltage ±5% and over load min to max
1,3
0,8
1,3
1,3
1,1
4
3
2
1
1
2
3
4
3,5
1,1
pin 1 ED
pin 2 GND
pin 3 Fout
pin 4 Vdd


Similar Part No. - MCSO6E

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO6E GOLLEDGE-MCSO6E Datasheet
552Kb / 4P
5V Miniature CMOS Oscillator for Extreme Environments
MCSO6EV GOLLEDGE-MCSO6EV Datasheet
553Kb / 4P
3.3V Miniature CMOS Oscillator for Extreme Environments
MCSO6EW GOLLEDGE-MCSO6EW Datasheet
553Kb / 4P
2.5V Miniature CMOS Oscillator for Extreme Environments
logo
MICORO CRYSTAL SWITZERL...
MCSO6E MICROCRYSTAL-MCSO6E_17 Datasheet
305Kb / 2P
Downhole and Well drilling equipments
More results

Similar Description - MCSO6E

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO1E MICROCRYSTAL-MCSO1E_17 Datasheet
417Kb / 2P
Downhole and Well drilling equipments
MCSO1F MICROCRYSTAL-MCSO1F_17 Datasheet
417Kb / 2P
Airbone equipments
MCSO2E MICROCRYSTAL-MCSO2E_17 Datasheet
346Kb / 2P
Downhole and Well drilling equipments
MCSO2EL MICROCRYSTAL-MCSO2EL_17 Datasheet
348Kb / 2P
Downhole and Well drilling equipments
MCSO2EU MICROCRYSTAL-MCSO2EU_17 Datasheet
347Kb / 2P
Downhole and Well drilling equipments
MCSO2L MICROCRYSTAL-MCSO2L Datasheet
331Kb / 2P
Airborne equipments
MCSO6 MICROCRYSTAL-MCSO6_17 Datasheet
302Kb / 2P
Airbone equipments
MCSO6E MICROCRYSTAL-MCSO6E_17 Datasheet
305Kb / 2P
Downhole and Well drilling equipments
MCSO1EL MICROCRYSTAL-MCSO1EL_17 Datasheet
412Kb / 2P
Downhole and Well drilling equipments
VCXO2E MICROCRYSTAL-VCXO2E_17 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com