Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F5V Datasheet(PDF) 16 Page - STMicroelectronics

Part # A6986F5V
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F5V Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A6986F5V Datasheet HTML 12Page - STMicroelectronics A6986F5V Datasheet HTML 13Page - STMicroelectronics A6986F5V Datasheet HTML 14Page - STMicroelectronics A6986F5V Datasheet HTML 15Page - STMicroelectronics A6986F5V Datasheet HTML 16Page - STMicroelectronics A6986F5V Datasheet HTML 17Page - STMicroelectronics A6986F5V Datasheet HTML 18Page - STMicroelectronics A6986F5V Datasheet HTML 19Page - STMicroelectronics A6986F5V Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
Functional description
A6986F
16/72
DocID027739 Rev 1
Figure 4. Internal circuit
5.3
Soft-start and inhibit
The soft-start and inhibit features are multiplexed on the same pin. An internal current
source charges the external soft-start capacitor to implement a voltage ramp on the SS/INH
pin. The device is inhibited as long as the SS/INH pin voltage is lower than the VINH
threshold and the soft-start takes place when SS/INH pin crosses VSS START. (see Figure 5:
Soft-start phase).
The internal current generator sources 1 A typ. current when the voltage of the VCC pin
crosses the UVLO threshold. The current increases to 4
A typ. as soon as the SS/INH
voltage is higher than the VINH threshold. This feature helps to decrease the current
consumption in inhibit mode. An external open collector can be used to set the inhibit
operation clamping the SS/INH voltage below VINH threshold.
The startup feature minimizes the inrush current and decreases the stress of the power
components during the power-up phase. The ramp implemented on the reference of the
error amplifier has a gain three times higher (SSGAIN) than the external ramp present at
SS/INH pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com