Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F5V Datasheet(PDF) 25 Page - STMicroelectronics

Part # A6986F5V
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F5V Datasheet(HTML) 25 Page - STMicroelectronics

Back Button A6986F5V Datasheet HTML 21Page - STMicroelectronics A6986F5V Datasheet HTML 22Page - STMicroelectronics A6986F5V Datasheet HTML 23Page - STMicroelectronics A6986F5V Datasheet HTML 24Page - STMicroelectronics A6986F5V Datasheet HTML 25Page - STMicroelectronics A6986F5V Datasheet HTML 26Page - STMicroelectronics A6986F5V Datasheet HTML 27Page - STMicroelectronics A6986F5V Datasheet HTML 28Page - STMicroelectronics A6986F5V Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
DocID027739 Rev 1
25/72
A6986F
Functional description
72
5.5
Light-load operation
The MLF pinstrapping during the power-up phase determines the light-load operation (refer
to Table 7 on page 11 and Table 8 on page 12).
5.5.1
Low noise mode (LNM)
The low noise mode implements a forced PWM operation over the different loading
conditions. The LNM features a constant switching frequency to minimize the noise in the
final application and a constant voltage ripple at fixed VIN. The regulator in steady loading
condition never skip pulses and it operates in continuous conduction mode (CCM) over the
different loading conditions.
Figure 13. Low noise mode operation
Typical applications for the LNM operation are car audio and sensors.
5.5.2
Low consumption mode (LCM)
The low consumption mode maximizes the efficiency at light-load. The regulator prevents
the switching activity whenever the switch peak current request is lower than the ISKIP
threshold. As a consequence the A6986F device works in bursts and it minimizes the
quiescent current request in the meantime between the switching operation.
In LCM operation, the pin SYNCH/ISKIP level dynamically defines the ISKIP current
threshold (see Table 5 on page 8) as shown in Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com