Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986FTR Datasheet(PDF) 61 Page - STMicroelectronics

Part # A6986FTR
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986FTR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button A6986FTR Datasheet HTML 57Page - STMicroelectronics A6986FTR Datasheet HTML 58Page - STMicroelectronics A6986FTR Datasheet HTML 59Page - STMicroelectronics A6986FTR Datasheet HTML 60Page - STMicroelectronics A6986FTR Datasheet HTML 61Page - STMicroelectronics A6986FTR Datasheet HTML 62Page - STMicroelectronics A6986FTR Datasheet HTML 63Page - STMicroelectronics A6986FTR Datasheet HTML 64Page - STMicroelectronics A6986FTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
DocID027739 Rev 1
61/72
A6986F
Efficiency curves
72
Figure 53. Efficiency curves: VIN = 13.5 V - VOUT = 5 V - fsw = 500 kHz (log scale)
Figure 54. Efficiency curves: VIN = 24 V - VOUT = 3.3 V - fsw = 500 kHz
Figure 55. Efficiency curves: VIN = 24 V - VOUT = 3.3 V - fsw = 500 kHz (log scale)
30
40
50
60
70
80
90
0.001
0.01
0.1
A6986F VIN=13.5 VOUT=5V VBIAS ISKIPL
A6986F VIN=13.5 VOUT=5V NOVBIAS ISKIPL
A6986F VIN=13.5 VOUT=5V NOVBIAS ISKIPH
A6986F VIN=13.5 VOUT=5V VBIAS ISKIPH
A6986F VIN=13.5 VOUT=5V NOVBIAS NOSKIP
A6986F VIN=13.5 VOUT=5V VBIAS NOSKIP
45
50
55
60
65
70
75
80
85
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
A6986F VIN=24 VOUT=3V3 VBIAS ISKIPL
A6986F VIN=24 VOUT=3V3 NOVBIAS ISKIPL
A6986F VIN=24 VOUT=3V3 NOVBIAS ISKIPH
A6986F VIN=24 VOUT=3V3 VBIAS ISKIPH
A6986F VIN=24 VOUT=3V3 VBIAS NOSKIP
A6986F VIN=24 VOUT=3V3 NOVBIAS NOSKIP
20
30
40
50
60
70
80
0.001
0.01
0.1
A6986F VIN=24 VOUT=3V3 VBIAS ISKIPL
A6986F VIN=24 VOUT=3V3 NOVBIAS ISKIPL
A6986F VIN=24 VOUT=3V3 NOVBIAS ISKIPH
A6986F VIN=24 VOUT=3V3 VBIAS ISKIPH
A6986F VIN=24 VOUT=3V3 VBIAS NOSKIP
A6986F VIN=24 VOUT=3V3 NOVBIAS NOSKIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com