Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986FTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # A6986FTR
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986FTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button A6986FTR Datasheet HTML 39Page - STMicroelectronics A6986FTR Datasheet HTML 40Page - STMicroelectronics A6986FTR Datasheet HTML 41Page - STMicroelectronics A6986FTR Datasheet HTML 42Page - STMicroelectronics A6986FTR Datasheet HTML 43Page - STMicroelectronics A6986FTR Datasheet HTML 44Page - STMicroelectronics A6986FTR Datasheet HTML 45Page - STMicroelectronics A6986FTR Datasheet HTML 46Page - STMicroelectronics A6986FTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
DocID027739 Rev 1
43/72
A6986F
Closing the loop
72
6.5
Compensation network design
The maximum bandwidth of the system can be designed up to fSW/6 up to 150 kHz
maximum to guarantee a valid small signal model.
Equation 33
Equation 34
where:
Equation 35
p is defined by Equation 20 on page 38, gCS represents the current sense
transconductance (see Table 5: Electrical characteristics on page 8) and gm TYP the error
amplifier transconductance.
Equation 36
Example 2
Considering VIN = 12 V, VOUT = 3.3 V, L = H, COUT = 15F, fSW = 500 kHz, IOUT = 1 A.
The maximum system bandwidth is 80 kHz. Assuming to design the compensation network
to achieve a system bandwidth of 70 kHz:
Equation 37
Equation 38
so accordingly with Equation 34 and Equation 36:
Equation 39
Equation 40
The gain and phase bode diagrams are plotted respectively in Figure 32 and Figure 33.
BW
fSW
6
---------
=
RC
2
 BW C
OUT VOUT

0.85V gCS gm TYP

----------------------------------------------------------------
=
fPOLE
p
2
-----------
=
CC
5
2
 R
C BW

--------------------------------------
=
fPOLE
3.5kHz
=
RLOAD
VOUT
IOUT
--------------
3.3
==
RC
68k
=
CC
165pF 180pF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com