Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6986 Datasheet(PDF) 10 Page - STMicroelectronics

Part # R6986
Description  38 V, 2 A synchronous step-down switching regulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R6986 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button R6986 Datasheet HTML 6Page - STMicroelectronics R6986 Datasheet HTML 7Page - STMicroelectronics R6986 Datasheet HTML 8Page - STMicroelectronics R6986 Datasheet HTML 9Page - STMicroelectronics R6986 Datasheet HTML 10Page - STMicroelectronics R6986 Datasheet HTML 11Page - STMicroelectronics R6986 Datasheet HTML 12Page - STMicroelectronics R6986 Datasheet HTML 13Page - STMicroelectronics R6986 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Electrical characteristics
R6986
10/62
DocID026996 Rev 2
Error amplifier
VFB
Voltage feedback
0.841 0.85
0.85
9
V
IFB
FB biasing current
50
500
nA
Gm
Transconductance
90
155
210
S
(4)
70
155
210
AV
Error amplifier gain
(2)
100
dB
ICOMP
EA output current capability
±6
±12
±25
A
(4)
±4
Inner current loop
gCS
Current sense
transconductance (VCOMP to
inductor current gain)
Ipk = 1 A
(5)
2.5
A/V
Slope compensation
(5)
0.4
0.75
1.0
A
Overvoltage protection
VOVP
Overvoltage trip (VOVP/VREF)
1.15
1.2
1.25
VOVP
HYST
Overvoltage hysteresis
1
2
6
%
Synchronization (fan out: 6 slave devices typ.)
fSYN MIN
Synchronization frequency
LNM; fSW = VCC
266.5
kHz
VSYN TH SYNCH input threshold
LNM, SYNCH rising
0.70
1.2
V
ISYN
SYNCH pulldown current
LNM, VSYN = 1.2 V
0.7
mA
VSYN OUT
high level output
LNM, 5 mA sinking load
1.40
V
low level output
LNM, 0.7 mA sourcing load
0.6
Reset
VTHR
Selected RST threshold
MLF pinstrapping before SS
see Table 7
VTHR HYST RST hysteresis
(2)
2%
VRST
RST open collector output
VIN > VINH AND
VFB < VTH
4 mA sinking load
0.4
V
2 < VIN < VINH
4 mA sinking load
0.8
Delay
VTHD
RST open collector released
as soon as VDELAY > VTHD
VFB > VTHR
1.19
1.23
4
1.25
8
V
ID CH
CDELAY charging current
VFB > VTHR
12
3
A
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Note Min. Typ. Max. Unit
VPP gCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com