Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6986 Datasheet(PDF) 1 Page - STMicroelectronics

Part # R6986
Description  38 V, 2 A synchronous step-down switching regulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R6986 Datasheet(HTML) 1 Page - STMicroelectronics

  R6986 Datasheet HTML 1Page - STMicroelectronics R6986 Datasheet HTML 2Page - STMicroelectronics R6986 Datasheet HTML 3Page - STMicroelectronics R6986 Datasheet HTML 4Page - STMicroelectronics R6986 Datasheet HTML 5Page - STMicroelectronics R6986 Datasheet HTML 6Page - STMicroelectronics R6986 Datasheet HTML 7Page - STMicroelectronics R6986 Datasheet HTML 8Page - STMicroelectronics R6986 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
May 2015
DocID026996 Rev 2
1/62
R6986
38 V, 2 A synchronous step-down switching regulator with 30 μA
quiescent current
Datasheet
- preliminary data
Features
 General features
– 2 A DC output current
– 4 V to 38 V operating input voltage
– Large ambient temperature range:
-40 °C to 125 °C
– Low consumption mode or low noise mode
– 30 µA IQ at light load (LCM VOUT = 3.3 V)
–8 µA IQ-SHTDWN
– Adjustable fSW (250 kHz - 2 MHz)
– Output voltage adjustable from
0.85 V to VIN
– Embedded output voltage supervisor
– Synchronization
– Adjustable soft-start time
– Internal current limiting
– Overvoltage protection
– Output voltage sequencing
– Peak current mode architecture
–RDSON HS = 180 m, RDSON LS = 150 m
– Thermal shutdown
 Aerospace and defense features
– Suitable for use in aerospace and defense
applications
– Dedicated traceability and part marking
– Production parts approval documents
available
– Adapted extended life time and
obsolescence management
– Extended product change notification
process
– Designed and manufactured to meet sub-
ppm quality goals
– Advanced mold and frame designs for
superior resilience in harsh environments
(acceleration, EMI, thermal, humidity)
– Extended screening capability on request
Applications
 Designed for aerospace applications
 Battery powered applications
Description
The R6986 device is a step-down monolithic
switching regulator able to deliver up to 2 A DC.
The output voltage adjustability ranges from
0.85 V to VIN. The 100% duty cycle, the wide
input voltage range and the large ambient
temperature range make it ideal for aerospace
and defense applications. The “Low Consumption
Mode” (LCM) is designed for always-on
applications, so it maximizes the efficiency at light
load with controlled output voltage ripple. The
“Low Noise Mode” (LNM) makes the switching
frequency constant and minimizes the output
voltage ripple overload current range. The output
voltage supervisor manages the reset phase for
any digital load (µC, FPGA.). The RST open
collector output can also implement output
voltage sequencing during the power-up phase.
The synchronous rectification, designed for high
efficiency at medium - heavy load, and the high
switching frequency capability make the size of
the application compact. Pulse by pulse current
sensing on both power elements implements an
effective constant current protection.
HTSSOP16 (RTH = 40 °C/W)
www.st.com


Similar Part No. - R6986

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6985-80 HAMAMATSU-R6985-80_15 Datasheet
134Kb / 2P
ELECTRON MULTIPLIER
More results

Similar Description - R6986

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985_08 Datasheet
971Kb / 37P
2 A step-down switching regulator
16-Sep-2008
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
November 2015 Rev 6
L6986 STMICROELECTRONICS-L6986 Datasheet
5Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
16-Aug-2016
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
L6986H STMICROELECTRONICS-L6986H Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com