Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2901H Datasheet(PDF) 6 Page - STMicroelectronics

Part # RT2901H
Description  RobuST high-temperature low-power quad voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2901H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RT2901H Datasheet HTML 2Page - STMicroelectronics RT2901H Datasheet HTML 3Page - STMicroelectronics RT2901H Datasheet HTML 4Page - STMicroelectronics RT2901H Datasheet HTML 5Page - STMicroelectronics RT2901H Datasheet HTML 6Page - STMicroelectronics RT2901H Datasheet HTML 7Page - STMicroelectronics RT2901H Datasheet HTML 8Page - STMicroelectronics RT2901H Datasheet HTML 9Page - STMicroelectronics RT2901H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical characteristics
RT2901H
6/11
DocID026933 Rev 1
Figure 2: Supply current vs. supply voltage
Figure 3: Input current vs. supply voltage
Figure 4: Output saturation voltage vs. output current
(VCC = 5 V)
Figure 5: Output saturation voltage vs. output current
(VCC = 30 V)
Figure 6: Response time for various input overdrives -
positive transition
Figure 7: Response time for various input overdrives -
negative transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com