Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2901H Datasheet(PDF) 1 Page - STMicroelectronics

Part # RT2901H
Description  RobuST high-temperature low-power quad voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2901H Datasheet(HTML) 1 Page - STMicroelectronics

  RT2901H Datasheet HTML 1Page - STMicroelectronics RT2901H Datasheet HTML 2Page - STMicroelectronics RT2901H Datasheet HTML 3Page - STMicroelectronics RT2901H Datasheet HTML 4Page - STMicroelectronics RT2901H Datasheet HTML 5Page - STMicroelectronics RT2901H Datasheet HTML 6Page - STMicroelectronics RT2901H Datasheet HTML 7Page - STMicroelectronics RT2901H Datasheet HTML 8Page - STMicroelectronics RT2901H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2014
DocID026933 Rev 1
1/11
This is information on a product in full production.
www.st.com
RT2901H
RobuST high-temperature low-power quad voltage comparators
Datasheet - production data
Features
Wide single supply voltage range or dual
supplies for all devices: 2 V to 36 V or ±1 V
to ±18 V
Very low supply current (1.1 mA)
independent of supply voltage
(1.4 mW/comparator at 5 V)
Low input bias current: 25 nA typ.
Low input offset current: ±5 nA typ.
Input common-mode voltage range includes
ground
Low output saturation voltage: 250 mV typ.
(IO = 4 mA)
Differential input voltage range equal to the
supply voltage
TTL, DTL, ECL, MOS, CMOS compatible
outputs
Intended for use in aerospace and defense
applications:
Dedicated traceability and part marking
Approval documents available for
production parts
Adapted extended life time and
obsolescence management
Extended product change notification
process
Designed and manufactured to meet
sub ppm quality goals
Advanced mold and frame designs for
superior resilience to harsh
environments (acceleration, EMI,
thermal, humidity)
Extended screening capability on
request
Single fabrication, assembly, and test
site
Temperature range (-40 °C to 150 °C)
Applications
Aerospace and defense
Harsh environments
Description
This
device
consists
of
four
independent
precision voltage comparators. All comparators
are designed specifically to operate from a single
power supply over a wide range of voltages.
Operation from split power supplies is also
possible.
These
comparators
also
have
a
unique
characteristic in that the input common-mode
voltage range includes ground even though
operated from a single power supply voltage.
D
SO14
(plastic micropackage)
Pin connections (top view)


Similar Part No. - RT2901H

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT290-20 MARKTECH-RT290-20 Datasheet
229Kb / 4P
LEDs
RT290-20 MARKTECH-RT290-20_15 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5_15 Datasheet
229Kb / 4P
LEDs
logo
STMicroelectronics
RT2902 STMICROELECTRONICS-RT2902 Datasheet
1Mb / 16P
RobuST low-power quad operational amplifier
08-Oct-2014
More results

Similar Description - RT2901H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
LOW POWER QUAD VOLTAGE COMPARATORS
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
431Kb / 7P
High Temperature Low Power Quad Voltage Comparators
Nov-2005
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
High temperature low power quad voltage comparators
08-Apr-2008
LM339QT STMICROELECTRONICS-LM339QT Datasheet
549Kb / 19P
Low-power quad voltage comparators
13-Jul-2011
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
RT2903H STMICROELECTRONICS-RT2903H Datasheet
253Kb / 11P
RobuST low-power dual voltage comparators
08-Oct-2014
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139_V01 Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com