Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2902 Datasheet (PDF) - STMicroelectronics

RT2902 Datasheet PDF - STMicroelectronics
Part # RT2902
Download  RT2902 Download
File Size   1367.69 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RobuST low-power quad operational amplifier

RT2902 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT2902 Datasheet PDF - STMicroelectronics

Part # RT2902
Download  RT2902 Click to download

File Size   1367.69 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RobuST low-power quad operational amplifier

RT2902 Datasheet (HTML) - STMicroelectronics


RT2902 Product details

Description
This circuit consists of four independent, high gain operational amplifiers which employ internal frequency compensation and are specifically designed for aerospace and defense systems. The device operates from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the lowpower supply current drain is independent from the power supply voltage magnitude. D SO14 (plastic micropackage)

Features
■ Wide gain bandwidth: 1.3 MHz
■ Input common-mode voltage range includes negative rail
■ Large voltage gain: 100 dB
■ Very low supply current per amplifier: 375 µA
■ Low input bias current: 20 nA
■ Low input offset current: 2 nA
■ Wide power supply range: – Single supply: 3 V to 30 V – Dual supplies: ±1.5 V to ±15 V
■ Intended for use in aerospace and defense applications: – Dedicated traceability and part marking – Approval documents available for production parts – Adapted extended life time and obsolescence management – Extended product change notification process – Designed and manufactured to meet sub ppm quality goals – Advanced mold and frame designs for superior resilience to harsh environments (acceleration, EMI, thermal, humidity) – Extended screening capability on request – Single fabrication, assembly, and test site – Temperature range (-40 °C to 125 °C)

Applications
■ Aerospace and defense
■ Harsh environments




Similar Part No. - RT2902

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT290-20 MARKTECH-RT290-20 Datasheet
229Kb / 4P
LEDs
RT290-20 MARKTECH-RT290-20_15 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5_15 Datasheet
229Kb / 4P
LEDs
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
More results


Similar Description - RT2902

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
RT2904WH STMICROELECTRONICS-RT2904WH Datasheet
870Kb / 13P
RobuST low-power dual operational amplifier
08-Oct-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com