Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2902 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RT2902
Description  RobuST low-power quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2902 Datasheet(HTML) 3 Page - STMicroelectronics

  RT2902 Datasheet HTML 1Page - STMicroelectronics RT2902 Datasheet HTML 2Page - STMicroelectronics RT2902 Datasheet HTML 3Page - STMicroelectronics RT2902 Datasheet HTML 4Page - STMicroelectronics RT2902 Datasheet HTML 5Page - STMicroelectronics RT2902 Datasheet HTML 6Page - STMicroelectronics RT2902 Datasheet HTML 7Page - STMicroelectronics RT2902 Datasheet HTML 8Page - STMicroelectronics RT2902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID026928 Rev 1
3/16
RT2902
Absolute maximum ratings and operating conditions
16
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltage values, except the differential voltage are with respect to network ground terminal.
±16 to 33
V
Vid
Differential input voltage(2)
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
32
Vin
Input voltage
-0.3 to 32
Output short-circuit duration(3)
3. Short-circuit from the output to VCC+ can cause excessive heating and eventual destruction. The maximum
output current is approximately 20 mA, independent of the magnitude of VCC+.
Infinite
s
Tj
Maximum junction temperature
150
°C
Iin
Input current(4): Vin driven negative
4. This input current only exists when the voltage at any of the input leads is driven negative. It is due to the
collector-base junction of the input PNP transistor becoming forward-biased and thereby acting as an input
diode clamp. In addition to this diode action, there is an NPN parasitic action on the IC chip. This transistor
action can cause the output voltages of the op amp to go to the VCC voltage level (or to ground for a large
overdrive) for the time during which an input is driven negative. This is not destructive and normal output is
restored for input voltages above -0.3 V.
5 in DC or 50 in AC
(duty cycle = 10 %, T = 1 s)
mA
Input current(5): Vin driven positive above
AMR value
5. The junction base/substrate of the input PNP transistor polarized in reverse must be protected by a resistor
in series with the inputs to limit the input current to 400 µA max (R = (Vin - 36 V)/400 µA).
0.4
Tstg
Storage temperature range
-65 to 150
°C
Rthja
Thermal resistance junction to ambient(6)
6. Rthja/c are typical values
105
°C/W
Rthjc
Thermal resistance junction to case(6)
31
ESD
HBM: human body model(7)
7. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
370
V
MM: machine model(8)
8. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
150
CDM: charged device model(9)
9. Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com