Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2902 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RT2902
Description  RobuST low-power quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2902 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RT2902 Datasheet HTML 2Page - STMicroelectronics RT2902 Datasheet HTML 3Page - STMicroelectronics RT2902 Datasheet HTML 4Page - STMicroelectronics RT2902 Datasheet HTML 5Page - STMicroelectronics RT2902 Datasheet HTML 6Page - STMicroelectronics RT2902 Datasheet HTML 7Page - STMicroelectronics RT2902 Datasheet HTML 8Page - STMicroelectronics RT2902 Datasheet HTML 9Page - STMicroelectronics RT2902 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
RT2902
6/16
DocID026928 Rev 1
3
Electrical characteristics
Table 3. VCC+ = 5 V, VCC- = ground, Vo = 1.4 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage(1)
27
mV
Input offset voltage(1), Tmin ≤ Tamb ≤ Tmax
9
ΔVio/ΔT Input offset voltage drift
7
30
µV/°C
Iio
Input offset current
2
30
nA
Input offset current, Tmin ≤ Tamb ≤ Tmax
40
DIio
Input offset current drift
10
200
pA/°C
Iib
Input bias current(2)
20
150
nA
Input bias current(2), Tmin ≤ Tamb ≤ Tmax
300
Avd
Large signal voltage gain
(VCC+ = 15 V, RL = 2 kΩ, Vo = 1.4 V to 11.4 V)
50
100
V/mV
Large signal voltage gain
(VCC+ = 15 V, RL = 2 kΩ, Vo = 1.4 V to 11.4 V),
Tmin ≤ Tamb ≤ Tmax
25
SVR
Supply voltage rejection ratio (RS ≤10 kΩ)
65
110
dB
Supply voltage rejection ratio (RS ≤10 kΩ) ,
Tmin ≤ Tamb ≤ Tmax
65
Icc
Supply current, all amps, no load
VCC+ = 5 V
VCC+ = 30 V
Tmin ≤ Tamb ≤ Tmax
VCC+ = 5 V
VCC+ = 30 V
0.7
1.5
0.8
1.5
1.2
3
1.2
3
mA
CMR
Common-mode rejection ratio (RS ≤ 10 kΩ)70
80
dB
Common-mode rejection ratio (RS ≤ 10 kΩ),
Tmin ≤ Tamb ≤ Tmax
60
IO
Output short-circuit current
(Vid = 1 V, VCC+ = 15 V, Vo = 2 V)
20
40
70
mA
Isink
Output sink current (Vid = -1 V)
VCC+ = 15 V, Vo = 2 V
VCC+ = 15 V, Vo = 0.2 V
10
12
20
50
mA
µA
VOH
High level output voltage (VCC+ = 30 V)
RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax
VCC+ = 5 V, RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
3
3.5
27
28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com