Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2902 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RT2902
Description  RobuST low-power quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2902 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RT2902 Datasheet HTML 3Page - STMicroelectronics RT2902 Datasheet HTML 4Page - STMicroelectronics RT2902 Datasheet HTML 5Page - STMicroelectronics RT2902 Datasheet HTML 6Page - STMicroelectronics RT2902 Datasheet HTML 7Page - STMicroelectronics RT2902 Datasheet HTML 8Page - STMicroelectronics RT2902 Datasheet HTML 9Page - STMicroelectronics RT2902 Datasheet HTML 10Page - STMicroelectronics RT2902 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID026928 Rev 1
7/16
RT2902
Electrical characteristics
16
VOL
Low level output voltage (RL = 10 kΩ)5
20
mV
Low level output voltage (RL = 10 kΩ),
Tmin ≤ Tamb ≤ Tmax
20
SR
Slew rate
(VCC+ = 15 V, Vin = 0.5 to 3 V, RL = 2 kΩ,
CL = 100 pF, unity gain)
0.4
V/µs
GBP
Gain bandwidth product
(VCC+ = 30 V, Vin = 10 mV, RL = 2 kΩ, CL = 100 pF)
1.3
MHz
THD
Total harmonic distortion
(f = 1 kHz, AV = 20 dB, RL = 2 kΩ, Vo = 2 Vpp,
CL = 100 pF, VCC+ = 30 V)
0.015
%
en
Equivalent input noise voltage
(f = 1 kHz, RS = 100 Ω, VCC+ = 30 V)
40
VO1/VO2
Channel separation(3)
(1 kHz
≤ f ≤ 20 kHz)
120
dB
1.
VO = 1.4 V, RS = 0 Ω, 5 V < VCC+ < 30 V, 0 V < Vic < (VCC+) - 1.5 V.
2. The direction of the input current is out of the IC. This current is essentially constant, independent of the
state of the output, so there is no change in the loading charge on the input lines.
3. Due to the proximity of external components ensure stray capacitance does not cause coupling between
these external parts. This typically can be detected as this type of capacitance increases at higher
frequencies.
Table 3. VCC+ = 5 V, VCC- = ground, Vo = 1.4 V, Tamb = 25 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com