Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2902 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RT2902
Description  RobuST low-power quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2902 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RT2902 Datasheet HTML 5Page - STMicroelectronics RT2902 Datasheet HTML 6Page - STMicroelectronics RT2902 Datasheet HTML 7Page - STMicroelectronics RT2902 Datasheet HTML 8Page - STMicroelectronics RT2902 Datasheet HTML 9Page - STMicroelectronics RT2902 Datasheet HTML 10Page - STMicroelectronics RT2902 Datasheet HTML 11Page - STMicroelectronics RT2902 Datasheet HTML 12Page - STMicroelectronics RT2902 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID026928 Rev 1
9/16
RT2902
Electrical characteristics
16
Figure 8. Common mode rejection ratio
Figure 9. Output characteristics (sink)
FR E QUE NC Y (Hz)
120
100
80
60
40
20
0
100
1K
10K
100K
1M
100
Ω
100k
Ω
+7.5V
-
+
e I
100k
Ω
100
Ω
+7.5V
e O
Figure 10. Open-loop frequency response
Figure 11. Voltage follower pulse response
1.0
10
100
1k
10k
100k
1M
10M
V CC = +10 to + 15V &
FR E QUE NC Y (Hz)
10M Ω
V I
V CC /2
V CC = 30V &
0.1μF
V CC
V O
-
+
-55°C
T amb
+125°C
140
120
100
80
60
40
20
0
-55°C
T amb
+125°C
0
12345678
Input
T amb =+25°C
V CC =30 V
Output
eO
el
50pF
+
-
TIME (
μs)
500
450
400
350
300
250
Figure 12. Large signal frequency response
Figure 13. Output characteristics (source)
FR E QUE NC Y (Hz)
1k
10k
100k
1M
+7V
2k Ω
1k Ω
100k Ω
+15V
VO
-
+
V I
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com