Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2902 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RT2902
Description  RobuST low-power quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2902 Datasheet(HTML) 1 Page - STMicroelectronics

  RT2902 Datasheet HTML 1Page - STMicroelectronics RT2902 Datasheet HTML 2Page - STMicroelectronics RT2902 Datasheet HTML 3Page - STMicroelectronics RT2902 Datasheet HTML 4Page - STMicroelectronics RT2902 Datasheet HTML 5Page - STMicroelectronics RT2902 Datasheet HTML 6Page - STMicroelectronics RT2902 Datasheet HTML 7Page - STMicroelectronics RT2902 Datasheet HTML 8Page - STMicroelectronics RT2902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
October 2014
DocID026928 Rev 1
1/16
RT2902
RobuST low-power quad operational amplifier
Datasheet
- production data
Features
•
Wide gain bandwidth: 1.3 MHz
•
Input common-mode voltage range includes
negative rail
•
Large voltage gain: 100 dB
•
Very low supply current per amplifier: 375 µA
•
Low input bias current: 20 nA
•
Low input offset current: 2 nA
•
Wide power supply range:
– Single supply: 3 V to 30 V
– Dual supplies: ±1.5 V to ±15 V
• Intended for use in aerospace and defense
applications:
– Dedicated traceability and part marking
– Approval documents available for
production parts
– Adapted extended life time and
obsolescence management
– Extended product change notification
process
– Designed and manufactured to meet sub
ppm quality goals
– Advanced mold and frame designs for
superior resilience to harsh environments
(acceleration, EMI, thermal, humidity)
– Extended screening capability on request
– Single fabrication, assembly, and test site
– Temperature range (-40 °C to 125 °C)
Applications
• Aerospace and defense
• Harsh environments
Description
This circuit consists of four independent, high gain
operational amplifiers which employ internal
frequency compensation and are specifically
designed for aerospace and defense systems.
The device operates from a single power supply
over a wide range of voltages. Operation from
split power supplies is also possible and the low-
power supply current drain is independent from
the power supply voltage magnitude.
D
SO14
(plastic micropackage)
Pin connections (top view)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-invertin g Input 4
Inverting Input 4
Non-invertin g Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
www.st.com


Similar Part No. - RT2902

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT290-20 MARKTECH-RT290-20 Datasheet
229Kb / 4P
LEDs
RT290-20 MARKTECH-RT290-20_15 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5_15 Datasheet
229Kb / 4P
LEDs
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
More results

Similar Description - RT2902

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
RT2904WH STMICROELECTRONICS-RT2904WH Datasheet
870Kb / 13P
RobuST low-power dual operational amplifier
08-Oct-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com