Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2902 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RT2902
Description  RobuST low-power quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2902 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RT2902 Datasheet HTML 8Page - STMicroelectronics RT2902 Datasheet HTML 9Page - STMicroelectronics RT2902 Datasheet HTML 10Page - STMicroelectronics RT2902 Datasheet HTML 11Page - STMicroelectronics RT2902 Datasheet HTML 12Page - STMicroelectronics RT2902 Datasheet HTML 13Page - STMicroelectronics RT2902 Datasheet HTML 14Page - STMicroelectronics RT2902 Datasheet HTML 15Page - STMicroelectronics RT2902 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Typical single-supply applications
RT2902
12/16
DocID026928 Rev 1
Figure 26. Using symmetrical amplifiers to reduce input current (general concept)
Figure 24. High input Z, DC differential amplifier
Figure 25. Low drift peak detector
1/4
RT2902
R1
100 k
Ω
R2
100 k
Ω
R4
100 k
Ω
R3
100 k
Ω
+V 2
+V 1
V o
1/4
RT2902
eo = [ 1 +
] (e2 - e1)
As sho wn eo = (e2 - e1)
R4
R3
I
B
2N 92 9
0.001
μF
I
B
3R
3 M
Ω
I
B
Input current
compensatio n
eo
I
B
e I
1/4
RT2902
Z
o
Z
I
C
1
μF
2I B
R
1 M
Ω
2I B
* P olycarbonat e or polyethylen e
*
1/4
RT2902
1/4
RT2902
1/4
RT2902
I
B
2N 92 9
0.001
μF
I
B
3 M
Ω
I
B
e o
I
I
e I
I
B
I
B
Aux. amplifie r for input
current compensatio n
1.5 M
Ω
1/4
RT2902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com