Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2903H Datasheet(PDF) 1 Page - STMicroelectronics

Part # RT2903H
Description  RobuST low-power dual voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2903H Datasheet(HTML) 1 Page - STMicroelectronics

  RT2903H Datasheet HTML 1Page - STMicroelectronics RT2903H Datasheet HTML 2Page - STMicroelectronics RT2903H Datasheet HTML 3Page - STMicroelectronics RT2903H Datasheet HTML 4Page - STMicroelectronics RT2903H Datasheet HTML 5Page - STMicroelectronics RT2903H Datasheet HTML 6Page - STMicroelectronics RT2903H Datasheet HTML 7Page - STMicroelectronics RT2903H Datasheet HTML 8Page - STMicroelectronics RT2903H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2014
DocID026955 Rev 1
1/11
This is information on a product in full production.
www.st.com
RT2903H
RobuST low-power dual voltage comparators
Datasheet - production data
Features
Wide single supply voltage range or dual
supplies: 2 V to 36 V or ±1 V to ±18 V
Very low supply current (0.4 mA)
independent of supply voltage
(1 mW/comparator at 5 V)
Low input bias current: 25 nA typ.
Low input offset current: ±5 nA typ.
Input common-mode voltage range includes
ground
Low output saturation voltage: 250 mV typ.
(IO = 4 mA)
Differential input voltage range equal to the
supply voltage
TTL, DTL, ECL, MOS, CMOS compatible
outputs
Intended for use in aerospace and defense
applications:
Dedicated traceability and part marking
Approval documents available for
production parts
Adapted extended life time and
obsolescence management
Extended product change notification
process
Designed and manufactured to meet
sub ppm quality goals
Advanced mold and frame designs for
superior resilience to harsh
environments (acceleration, EMI,
thermal, humidity)
Extended screening capability on
request
Single fabrication, assembly, and test
site
Temperature range (-40 °C to 150 °C)
Applications
Aerospace and defense
Harsh environments
Description
This device consists of two independent low-
power voltage comparators designed specifically
to operate from a single power supply over a
wide range of voltages. Operation from split
power supplies is also possible.
These
comparators
also
have
a
unique
characteristic in that the input common-mode
voltage range includes ground even though
operated from a single power supply voltage.
D
SO8
(plastic micropackage)
Pin connections (top view)
1 - Output 1
2 - Inverting inpput 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+


Similar Part No. - RT2903H

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT290-20 MARKTECH-RT290-20 Datasheet
229Kb / 4P
LEDs
RT290-20 MARKTECH-RT290-20_15 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5_15 Datasheet
229Kb / 4P
LEDs
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
More results

Similar Description - RT2903H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
LOW POWER DUAL VOLTAGE COMPARATORS
May-2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
LOW POWER DUAL VOLTAGE COMPARATORS
Sep-2003
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
LOW POWER DUAL VOLTAGE COMPARATORS
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
Low Power Dual Voltage Comparators
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com