Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2903H Datasheet(PDF) 5 Page - STMicroelectronics

Part # RT2903H
Description  RobuST low-power dual voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2903H Datasheet(HTML) 5 Page - STMicroelectronics

  RT2903H Datasheet HTML 1Page - STMicroelectronics RT2903H Datasheet HTML 2Page - STMicroelectronics RT2903H Datasheet HTML 3Page - STMicroelectronics RT2903H Datasheet HTML 4Page - STMicroelectronics RT2903H Datasheet HTML 5Page - STMicroelectronics RT2903H Datasheet HTML 6Page - STMicroelectronics RT2903H Datasheet HTML 7Page - STMicroelectronics RT2903H Datasheet HTML 8Page - STMicroelectronics RT2903H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT2903H
Electrical characteristics
DocID026955 Rev 1
5/11
3
Electrical characteristics
Table 3: VCC
+ = 5 V, V
CC
- = ground, T
amb = 25 °C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
(1)
1
7
mV
Tmin
≤ Tamb ≤ Tmax
15
Iio
Input offset current
5
50
nA
Tmin
≤ Tamb ≤ Tmax
150
Iib
Input bias current
(2)
25
250
Tmin
≤ Tamb ≤ Tmax
400
Avd
Large signal voltage gain, VCC
+ = 15 V, R
L
= 15 kΩ, Vo = 1 to 11 V
25
200
V/mV
ICC
Supply current
(all comparators)
VCC
+ = 5 V, no load
0.4
1
mA
VCC
+ = 30 V, no load
1
2.5
VID
Differential input voltage
(3)
VCC
+
V
VOL
Low level output voltage
Vid = -1 V, Isink = 4 mA
250
400
mV
Tmin
≤ Tamb ≤ Tmax
800
IOH
High level output current
VCC
+ = V
o = 30 V, Vid = 1 V
0.1
nA
Tmin
≤ Tamb ≤ Tmax
1
µA
Isink
Output sink current
Vid = -1 V, Vo = 1.5 V
6
16
mA
Tmin
≤ Tamb ≤ Tmax
2
tre
Small signal response time, RL
= 5.1 kΩ connected to VCC+(4)
1.3
µs
trel
Large signal response time,
TTL input, Vref = 1.4 V,
RL
= 5.1 kΩ to VCC+(5)
Output signal at 50 % of final value
500
ns
Output signal at 95 % of final value
1
µs
Notes:
(1)
At output switch point, VO
≈ 1.4 V, RS = 0 Ω with VCC
+
from 5 V to 30 V, and over the full input common-mode range
(0 V to (VCC
+
) – 1.5 V).
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of
the state of the output, so there is no load charge on the reference of input lines.
(3)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the
common-mode range, the comparator provides a proper output state. The low input voltage state must not be less than –0.3 V
(or 0.3 V below the negative power supply, if used)
(4)
The response time specified is for a 100 mV input step with 5 mV overdrive.
(5)
Maximum values are guaranteed by design and evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com