Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2904WH Datasheet(PDF) 7 Page - STMicroelectronics

Part # RT2904WH
Description  RobuST low-power dual operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2904WH Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RT2904WH Datasheet HTML 3Page - STMicroelectronics RT2904WH Datasheet HTML 4Page - STMicroelectronics RT2904WH Datasheet HTML 5Page - STMicroelectronics RT2904WH Datasheet HTML 6Page - STMicroelectronics RT2904WH Datasheet HTML 7Page - STMicroelectronics RT2904WH Datasheet HTML 8Page - STMicroelectronics RT2904WH Datasheet HTML 9Page - STMicroelectronics RT2904WH Datasheet HTML 10Page - STMicroelectronics RT2904WH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID026931 Rev 1
7/13
RT2904WH
Electrical characteristics
13
Figure 2. Open-loop frequency response
Figure 3. Large signal frequency response
10
0
10
1
10
2
10
3
10
4
10
5
10
6
0
20
40
60
80
100
120
T
Ambient=+150°C
T
Ambient=+125°C
T
Ambient=+25°C
FREQUENCY (Hz)
FR E QUE NC Y (Hz)
1k
10k
100k
1M
+7V
2k
Ω
1k
Ω
100k
Ω
+15V
VO
-
+
V I
20
15
10
5
0
Figure 4. Voltage follower pulse response
Figure 5. Input bias current
010
20
30
40
T IME (
μs)
RL
2 k
Ω
VC C = +15V
4
3
2
1
0
3
2
1
10
20
30
0
10
20
30
40
50
T
Ambient=-40°C
T
Ambient=+25°C
T
Ambient=+125°C
T
Ambient=+150°C
SUPPLY VOLTAGE (V)
Figure 6. Supply current
Figure 7. Output characteristics vs. +VCC
010
20
30
0.0
0.5
1.0
1.5
T
Ambient=+150°C
T
Ambient=+125°C
T
Ambient=+25°C
T
Ambient=-40°C
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com