Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2904WH Datasheet(PDF) 5 Page - STMicroelectronics

Part # RT2904WH
Description  RobuST low-power dual operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2904WH Datasheet(HTML) 5 Page - STMicroelectronics

  RT2904WH Datasheet HTML 1Page - STMicroelectronics RT2904WH Datasheet HTML 2Page - STMicroelectronics RT2904WH Datasheet HTML 3Page - STMicroelectronics RT2904WH Datasheet HTML 4Page - STMicroelectronics RT2904WH Datasheet HTML 5Page - STMicroelectronics RT2904WH Datasheet HTML 6Page - STMicroelectronics RT2904WH Datasheet HTML 7Page - STMicroelectronics RT2904WH Datasheet HTML 8Page - STMicroelectronics RT2904WH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID026931 Rev 1
5/13
RT2904WH
Electrical characteristics
13
3
Electrical characteristics
Table 3. VCC+ = 5V, VCC- = ground, Vo = 1.4 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage(1)
Tmin ≤ Tamb ≤ Tmax
27
9
mV
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
230
40
nA
Iib
Input bias current(2)
Tmin ≤ Tamb ≤ Tmax
20
150
200
Avd
Large signal voltage gain
VCC+ = 15 V, RL=2 kΩ, Vo = 1.4 V to 11.4 V
Tmin ≤ Tamb ≤ Tmax
50
2.5
100
V/mV
SVR
Supply voltage rejection ratio
VCC+ = 5 to 30 V, RS ≤ 10 kΩ
Tmin ≤ Tamb ≤ Tmax
65
65
100
dB
ICC
Supply current, all amps, no load
VCC+ = 5 V
Tmin ≤ Tamb ≤ Tmax, VCC = 30 V
0.7
1.2
2
mA
CMR
Common-mode rejection ratio (RS = 10 kΩ)
Tmin ≤ Tamb ≤ Tmax
70
60
85
dB
Isource
Output short-circuit current
VCC+= 15 V, Vo = 2 V, Vid = 1 V
Tmin ≤ Tamb ≤ Tmax
20
10
40
60
mA
Isink
Output sink current
VO = 2 V, VCC+ = 5 V
Tmin ≤ Tamb ≤ Tmax
VO = 0.2 V, VCC+ = 15 V
Tmin ≤ Tamb ≤ Tmax
10
5
12
10
20
50
mA
µA
VOPP
Output voltage swing (RL = 2 kΩ)
Tmin ≤ Tamb ≤ Tmax
0
0
(VCC+) - 1.5
(VCC+) - 2
V
VOH
High level output voltage (VCC+ = 30 V)
RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
27
28
VOL
Low level output voltage (RL = 10 kΩ)
Tmin ≤ Tamb ≤ Tmax
520
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com