Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2904WHYDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # RT2904WHYDT
Description  RobuST low-power dual operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2904WHYDT Datasheet(HTML) 1 Page - STMicroelectronics

  RT2904WHYDT Datasheet HTML 1Page - STMicroelectronics RT2904WHYDT Datasheet HTML 2Page - STMicroelectronics RT2904WHYDT Datasheet HTML 3Page - STMicroelectronics RT2904WHYDT Datasheet HTML 4Page - STMicroelectronics RT2904WHYDT Datasheet HTML 5Page - STMicroelectronics RT2904WHYDT Datasheet HTML 6Page - STMicroelectronics RT2904WHYDT Datasheet HTML 7Page - STMicroelectronics RT2904WHYDT Datasheet HTML 8Page - STMicroelectronics RT2904WHYDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
October 2014
DocID026931 Rev 1
1/13
RT2904WH
RobuST low-power dual operational amplifier
Datasheet
- production data
Features
• Frequency compensation implemented
internally
• Large DC voltage gain: 100 dB
• Wide bandwidth (unity gain): 1.1 MHz
(temperature compensated)
• Very low supply current/amplifier, essentially
independent of supply voltage
• Low input bias current: 20 nA (temperature
compensated)
• Low input offset current: 2 nA
• Input common-mode voltage range includes
negative rail
• Differential input voltage range equal to the
power supply voltage
• Large output voltage swing 0 V to (VCC+) - 1.5V
• Intended for use in aerospace and defense
applications:
– Dedicated traceability and part marking
– Approval documents available for
production parts
– Adapted extended life time and
obsolescence management
– Extended product change notification
process
– Designed and manufactured to meet sub
ppm quality goals
– Advanced mold and frame designs for
superior resilience to harsh environments
(acceleration, EMI, thermal, humidity)
– Extended screening capability on request
– Single fabrication, assembly, and test site
– Temperature range (-40 °C to 150 °C)
Applications
• Aerospace and defense
• Harsh environments
Description
This circuit consists of two independent, high gain
operational amplifiers with frequency
compensation implemented internally. It is
designed specifically for aerospace and defense
applications. The circuit operates from a single
power supply over a wide range of voltages. Low
power supply drain is independent of the
magnitude of the power supply voltage.
In linear mode, the input common-mode voltage
range includes ground and the output voltage can
also swing to ground, even though operated from
a single power supply.
Pin connections (top view)
D
SO8
(plastic micropackage)
www.st.com


Similar Part No. - RT2904WHYDT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT290-20 MARKTECH-RT290-20 Datasheet
229Kb / 4P
LEDs
RT290-20 MARKTECH-RT290-20_15 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
LEDs
RT290-5 MARKTECH-RT290-5_15 Datasheet
229Kb / 4P
LEDs
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
More results

Similar Description - RT2904WHYDT

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
RT2902 STMICROELECTRONICS-RT2902 Datasheet
1Mb / 16P
RobuST low-power quad operational amplifier
08-Oct-2014
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com