Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5COSY Datasheet(PDF) 1 Page - STMicroelectronics

Part # RPC56EL60L5COSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5COSY Datasheet(HTML) 1 Page - STMicroelectronics

  RPC56EL60L5COSY Datasheet HTML 1Page - STMicroelectronics RPC56EL60L5COSY Datasheet HTML 2Page - STMicroelectronics RPC56EL60L5COSY Datasheet HTML 3Page - STMicroelectronics RPC56EL60L5COSY Datasheet HTML 4Page - STMicroelectronics RPC56EL60L5COSY Datasheet HTML 5Page - STMicroelectronics RPC56EL60L5COSY Datasheet HTML 6Page - STMicroelectronics RPC56EL60L5COSY Datasheet HTML 7Page - STMicroelectronics RPC56EL60L5COSY Datasheet HTML 8Page - STMicroelectronics RPC56EL60L5COSY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
This is information on a product in full production.
September 2014
DocID026934 Rev 1
1/137
RPC56EL60L5
32-bit Power Architecture® microcontroller
for Aerospace and Defense, SIL3/ASILD safety applications
Datasheet
- production data
Features
 High-performance e200z4d dual core
 32-bit Power Architecture® technology CPU
 Core frequency as high as 120 MHz
 Dual issue five-stage pipeline core
 Variable Length Encoding (VLE)
 Memory Management Unit (MMU)
 4 KB instruction cache with error detection
code
 Signal processing engine (SPE)
 Memory available
– 1 MB flash memory with ECC
– 128 KB on-chip SRAM with ECC
– Built-in RWW capabilities for EEPROM
emulation
 SIL3/ASILD innovative safety concept:
LockStep mode and Fail-safe protection
– Sphere of replication (SoR) for key
components (such as CPU core, eDMA,
crossbar switch)
– FCCU, interrupt controller
– Redundancy control and checker unit
(RCCU) on outputs of the SoR connected
to FCCU
– Boot-time Built-In Self-Test for Memory
(MBIST) and Logic (LBIST) triggered by
hardware
– Boot-time Built-In Self-Test for ADC and
flash memory triggered by software
– Replicated safety enhanced watchdog
– Replicated junction temperature sensor
– Non-maskable interrupt (NMI)
– 16-region memory protection unit (MPU)
– Clock monitoring units (CMU)
– Power management unit (PMU)
– Cyclic redundancy check (CRC) unit
 Decoupled Parallel mode for high-performance
use of replicated cores
 Nexus Class 3+ interface
 GPIOs individually programmable as input,
output or special function
 Three 6-channel general-purpose eTimer units
 2 FlexPWM units: 4 16-bit channels per module
 Communications interfaces
– 2 LINFlexD channels
– 3 DSPI channels
– 2 FlexCAN interfaces (2.0B Active)
– FlexRay module (V2.1 Rev. A)
 Two 12-bit analog-to-digital converters (ADCs)
– 16 input channels
– Programmable CTU to synchronize ADCs
conversion with timer and PWM
 Sine wave generator (D/A with low pass filter)
 Single 3.0 V to 3.6 V voltage supply
 Ambient temperature range –40 °C to 125 °C
 Junction temperature range –40 °C to 150 °C
 Aerospace and Defense features
– Dedicated traceability and part marking
– Production parts approval documents
available
– Adapted Extended life time and
obsolescence management
– Extended Product Change Notification
process
– Designed and manufactured to meet sub
ppm quality goals
– Advanced mold and frame designs for
Superior resilience to harsh environment
(acceleration, EMI, thermal, humidity)
– Single Fabrication, Assembly and Test site
– Dual internal production source capability
www.st.com
LQFP144 (20 x 20 x 1.4 mm)


Similar Part No. - RPC56EL60L5COSY

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC50 DUBILIER-RPC50 Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
RPC50103F DUBILIER-RPC50103F Datasheet
184Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103F DUBILIER-RPC50103F Datasheet
266Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103J DUBILIER-RPC50103J Datasheet
184Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103J DUBILIER-RPC50103J Datasheet
266Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
More results

Similar Description - RPC56EL60L5COSY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
Aerospace, Broadcast, Computers Systems, Defense Electronics
logo
Vicor Corporation
V48B2C100BL VICOR-V48B2C100BL Datasheet
766Kb / 11P
Distributed power, medical, ATE, communications, defense, aerospace.
logo
STMicroelectronics
RTP315N10F7 STMICROELECTRONICS-RTP315N10F7 Datasheet
822Kb / 13P
Aerospace and defense N-channel 100 V
26-Sep-2014
logo
Power System Technology
PST08 PST-PST08 Datasheet
232Kb / 4P
Designed for industrial and defense, naval applications
logo
XP Power Limited
MTC35 XPPOWER-MTC35 Datasheet
6Mb / 35P
COTS Component for Defense & Avionics Applications
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
1Mb / 115P
32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
logo
Microchip Technology
SAMRH71 MICROCHIP-SAMRH71 Datasheet
10Mb / 1608P
Rad-Hard 32-bit Arm Cortex-M7 Microcontroller for Aerospace Applications
2021
logo
STMicroelectronics
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com