Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564-C3 Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564-C3
Description  Real Time Clock Module with I2C Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564-C3 Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  RV-8564-C3 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-8564-C3 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.3/05.2012
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
TERMINATIONS AND
PROCESSING:
Package-Type
Termination
Processing
SON 10-pin
For SMD mounting
Au plated pads
Reflow soldering
260°C / 20 s max.
All specifications subject to change without notice.
ENVIRONMENTAL
CHARACTERISTICS:
Conditions
Max. Dev.
Storage temp. range
–55 to +125°C
TA Operating temperature range
–40 to +85°C
Shock resistance
F/F 5000 g, 0.3 ms, ½ sine +/-5 ppm
Vibration resistance
F/F
20 g / 10–2000 Hz
+/-5 ppm
ELECTRICAL CHARACTERISTICS
AT 25°C:
PIN CONNECTIONS
TOP VIEW:
Pin
Connection
1
CLKOE
CLK Output Enable
2VDD
Supply Voltage
3
CLKOUT Clock Output
4
SCL
Serial Clock Input
5
SDA
Serial Data
6
INT
Interrupt utput
7
GND
Ground
Pins 8, 9, 10 are not connected.
1
5
6
10
Pin 1 Index
8564
Product Marking
Symbol
Condition
Min. Typ. Max Unit
Supply voltage
VDD
I2C Bus Active
1.8
5.5
V
Supply voltage
VDD
Time keeping
1.2
5.5
V
Power current
during access
IDD
fscl=400 kHz
800
μA
fscl=100 kHz
200
μA
Current consumption
Time keeping mode
IDDO
fscl=0 Hz, VDD 3 V
250
500
nA
fscl=0 Hz, VDD 2 V
225
450
nA
CLKOUT frequency
Programmable
32768/1024/32/1
Hz
Frequency tolerance
F/F
@ 25°C
±10 / ±20 1)
ppm
Aging first year max.
F/F
@ 25°C
± 3
ppm
Frequency vs. temp.
F/FO
20 ≤ T0 ≤ 30
–0.035 ppm/°C² (T - T0)2 ±10%
ppm
FREQUENCY TEMPERATURE
CHARACTERISTICS:
-180.0
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20.0
-60
-40
-20
0
20
40
60
80
100
T °C
Tuning Fork Crystal
1) Tighter and wider frequency tolerances on request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com