Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564-C3 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564-C3
Description  Real Time Clock Module with I2C Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564-C3 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  RV-8564-C3 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-8564-C3 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
RV-8564-C3
Real Time Clock Module with I2C Bus
All dimensions in mm typical
DESCRIPTION:
This miniature SMD ceramic package has been specially designed to
combine the 32.768 kHz crystal unit with the CMOS-based oscillator and
real-time-clock circuit.
The calendar function tracks year, month, date, and day-of-the-week with
built-in century and leap-year flags. The clock function tracks minute and
second in 24-hour format. Programmable alarm setting and universal
timer functions increase flexibility.
For pick-and-place equipment, the parts are available in 12 mm tape:
7” (178 mm) reel with 1'000 parts
7” (178 mm) reel with 3'000 parts
Automotive qualified, according to
AEC-Q200 Rev. C
Xtal integrated solution
Miniature SMT ceramic package
Ultra low power consumption
Very tight frequency tolerance
I2C Bus Interface (400 kHz) *
Programmable Clock-output
Low aging
Time keeping mode down to 1.2 V
Programmable alarm, timer and
interrupt functions
Package:
Recommended Solder Pad:
BLOCK DIAGRAM:
* The I2C Bus is a trademark of Philips Electronics N.V.
3,70
0,8
0,3
0,5
0,8
0,8
0,8
0,8
3,70
1
2
9
10
8
5
4
6
7
3
100% leadfree, RoHS - compliant


Similar Part No. - RV-8564-C3

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
More results

Similar Description - RV-8564-C3

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
Real Time Clock Module with I2C Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2_16 Datasheet
443Kb / 2P
Real Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_18 Datasheet
980Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-8803-C7 MICROCRYSTAL-RV-8803-C7_18 Datasheet
992Kb / 2P
Real-Time Clock Module with I2C-Bus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com