Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPN3H60AT Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPN3H60AT
Description  SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60AT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPN3H60AT Datasheet HTML 7Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 8Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 9Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 10Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 11Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 12Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 13Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 14Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID026945 Rev 1
11/19
STGIPN3H60AT
Electrical characteristics
19
3.1.1
NTC thermistor
Equation 1: resistance variation vs. temperature
Where T are temperatures in Kelvins
Figure 6. NTC resistance vs. temperature
Table 11. NTC thermistor
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit.
R25
Resistance
T = 25 °C
85
k
Ω
R100
Resistance
T = 100 °C
5388
Ω
B
B-constant
T = 25 °C to 100 °C
4092
K
T
Operating temperature
-25
125
°C
RT
()
R
25
e
B
1
T
---
1
298
----------


=
0
500
1.000
1.500
2.000
2.500
3.000
3.500
-40 -20
0
20
40 60
80 100 120 140
NTC [kΩ]
[°C]
Min
Max
Typ
GIPD17220131349FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com