Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPN3H60AT Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGIPN3H60AT
Description  SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60AT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGIPN3H60AT Datasheet HTML 10Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 11Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 12Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 13Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 14Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 15Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 16Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 17Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application information
STGIPN3H60AT
14/19
DocID026945 Rev 1
4.1
Recommendations
•
Input signals HIN, LIN are active-high logic. A 500 k
Ω (typ.) pull-down resistor is built-in
for each input. To prevent input signal oscillation, the wiring of each input should be as
short as possible and the use of RC filters (R1, C1) on each input signal is suggested.
The filters should be done with a time constant of about 100ns and must be placed as
close as possible to the IPM input pins.
•
The bypass capacitor Cvcc (aluminum or tantalum) is recommended to reduce the
transient circuit demand on the power supply. In addition, a decoupling capacitor C2
(from 100 to 220 nF, ceramic with low ESR) is suggested, to reduce high frequency
switching noise distributed on the power supply lines. It must be placed as close as
possible to each Vcc pin and in parallel to the bypass capacitor.
•
The use of RC filter (RSF, CSF) for current monitoring is recommended to improve
noise immunity. The filter must be placed as close as possible to the microcontroller or
to the Op-amp.
•
The decoupling capacitor C3 (from 100 to 220 nF, ceramic with low ESR), in parallel to
each Cboot, is recommended in order to filter high frequency disturbances.
•
The Zener diodes DZ1 between the Vcc pins and GND and in parallel to each Cboot is
suggested in order to prevent overvoltage.
•
The decoupling capacitor C4 (from 100 to 220 nF, ceramic with low ESR) in parallel to
the electrolytic capacitor Cvdc is recommended, in order to prevent surge destruction.
Both capacitors C4 and Cvdc should be placed as close as possible to the IPM (C4 has
priority over Cvdc).
•
By integrating an application-specific type HVIC inside the module, direct coupling to
the MCU terminals without an opto-coupler is possible.
•
Low inductance shunt resistors should be used for phase leg current sensing
•
In order to avoid malfunctions, the wiring between N pins, the shunt resistor and
PWR_GND should be as short as possible.
•
It is recommended to connect SGN_GND to PWR_GND at only one point (near the
terminal of shunt resistor), in order to avoid any malfunction due to power ground
fluctuation.
Note:
For further details refer to AN4043.
Table 12. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VPN
Supply voltage
Applied between P-Nu, Nv,
Nw
300
500
V
VCC
Control supply voltage
Applied between VCC-
GND
12
15
17
V
VBS
High side bias voltage
Applied between VBOOTi-
OUTi for i = U, V, W
11.5
17
V
tdead
Blanking time to prevent
Arm-short
For each input signal
1.5
µs
fPWM
PWM input signal
-40°C < Tc < 100°C
-40°C < Tj < 125°C
25
kHz
TC
Case operation temperature
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com