Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP45N40DM2AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP45N40DM2AG
Description  Extremely low gate charge and input capacitance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N40DM2AG Datasheet(HTML) 1 Page - STMicroelectronics

  STP45N40DM2AG Datasheet HTML 1Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 2Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 3Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 4Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 5Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 6Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 7Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 8Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2015
DocID028082 Rev 2
1/13
This is information on a product in full production.
www.st.com
STP45N40DM2AG
Automotive N-
channel 400 V, 0.058 Ω typ., 38 A MDmesh™
DM2 Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
PTOT
STP45N40DM2AG
400 V
0.072 Ω
38 A
250 W
Designed for automotive applications and
AEC-Q101 qualified
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STP45N40DM2AG
45N40DM2
TO-220
Tube


Similar Part No. - STP45N40DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45N10 STMICROELECTRONICS-STP45N10 Datasheet
431Kb / 10P
N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR
Jun-1998
logo
Inchange Semiconductor ...
STP45N10 ISC-STP45N10 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
logo
Inchange Semiconductor ...
STP45N10F7 ISC-STP45N10F7 Datasheet
272Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP45N10F7 VBSEMI-STP45N10F7 Datasheet
969Kb / 7P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STP45N40DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB28N60DM2 STMICROELECTRONICS-STB28N60DM2 Datasheet
1Mb / 20P
Extremely low gate charge and input capacitance
09-Dec-2015
STB35N60DM2 STMICROELECTRONICS-STB35N60DM2 Datasheet
915Kb / 15P
Extremely low gate charge and input capacitance
08-Sep-2015
STB37N60DM2AG STMICROELECTRONICS-STB37N60DM2AG Datasheet
915Kb / 15P
Extremely low gate charge and input capacitance
25-Aug-2015
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
Low gate charge and input capacitance
23-Jul-2015
STB45N40DM2AG STMICROELECTRONICS-STB45N40DM2AG Datasheet
914Kb / 15P
Extremely low gate charge and input capacitance
27-Aug-2015
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
Low input capacitance and gate charge
31-Oct-2013
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
Low input capacitance and gate charge
17-Jan-2013
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
Low input capacitance and gate charge
05-Nov-2012
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
Low input capacitance and gate charge
27-Mar-2009
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
Low gate charge and input capacitance
05-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com