Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP45N40DM2AG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP45N40DM2AG
Description  Extremely low gate charge and input capacitance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N40DM2AG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP45N40DM2AG Datasheet HTML 5Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 6Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 7Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 8Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 9Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 10Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 11Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 12Page - STMicroelectronics STP45N40DM2AG Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
STP45N40DM2AG
12/13
DocID028082 Rev 2
5
Revision history
Table 11: Document revision history
Date
Revision
Changes
06-Jul-2015
1
First release.
03-Sep-2015
2
Datasheet promoted from preliminary data to production data
Modified: ID, IDM, dv/dt values in table 2
Added: note 2 and 3 in table2
Modified: the entire values in table 4
Modified: RDS(on) typical value in table 5
Modified: the entire typical values in table 6 and 7
Modified: the entire typical values and ISD, ISDM in table 8
Added: Electrical characteristics (curves) section
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com