Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWMX Datasheet(PDF) 27 Page - Texas Instruments

Part # ADC0804LCWMX
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWMX Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC0804LCWMX Datasheet HTML 23Page - Texas Instruments ADC0804LCWMX Datasheet HTML 24Page - Texas Instruments ADC0804LCWMX Datasheet HTML 25Page - Texas Instruments ADC0804LCWMX Datasheet HTML 26Page - Texas Instruments ADC0804LCWMX Datasheet HTML 27Page - Texas Instruments ADC0804LCWMX Datasheet HTML 28Page - Texas Instruments ADC0804LCWMX Datasheet HTML 29Page - Texas Instruments ADC0804LCWMX Datasheet HTML 30Page - Texas Instruments ADC0804LCWMX Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
-
+
+
-
=
é
ù
æ
öæ
ö
-
ê
ú
ç
֍
÷
ç
֍
÷
-
ê
ú
è
øè
ø
ë
û
@
CLK
CC
T
T
CC
T
T
1
f
V
V
V
RC ln
V
V
V
R
10 k
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
9.2.1.2.4.3
Adjusting for an Arbitrary Analog Input Voltage Range
If the analog zero voltage of the ADC is shifted away from ground (for example, to accommodate an analog input
signal that does not go to ground) this new zero reference should be properly adjusted first. A VIN(+) voltage that
equals this desired zero reference plus 1/2 LSB (where the LSB is calculated for the desired analog span, 1
LSB=analog span/256) is applied to pin 6 and the zero reference voltage at pin 7 should then be adjusted to just
obtain the 00HEX to 01HEX code transition.
The full-scale adjustment should then be made (with the proper VIN(−) voltage applied) by forcing a voltage to the
VIN(+) input which is given by:
where
•
VMAX = The high end of the analog input range
•
VMIN = the low end (the offset zero) of the analog range. (Both are ground referenced.)
(4)
The VREF/2 (or VCC) voltage is then adjusted to provide a code change from FEHEX to FFHEX. This completes the
adjustment procedure
9.2.1.2.5
Clocking Option
The clock for the ADC can be derived from the CPU clock or an external RC can be added to provide self-
clocking. The CLK IN (pin 4) makes use of a Schmitt trigger as shown in Figure 35.
Figure 35. Self-Clocking the ADC
Heavy capacitive or DC loading of the clock R pin should be avoided as this will disturb normal converter
operation. Loads less than 50 pF, such as driving up to 7 ADC converter clock inputs from a single clock R pin of
1 converter, are allowed. For larger clock line loading, a CMOS or low power TTL buffer or PNP input logic
should be used to minimize the loading on the clock R pin (do not use a standard TTL buffer).
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com