Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWMX Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC0804LCWMX
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWMX Datasheet(HTML) 1 Page - Texas Instruments

  ADC0804LCWMX Datasheet HTML 1Page - Texas Instruments ADC0804LCWMX Datasheet HTML 2Page - Texas Instruments ADC0804LCWMX Datasheet HTML 3Page - Texas Instruments ADC0804LCWMX Datasheet HTML 4Page - Texas Instruments ADC0804LCWMX Datasheet HTML 5Page - Texas Instruments ADC0804LCWMX Datasheet HTML 6Page - Texas Instruments ADC0804LCWMX Datasheet HTML 7Page - Texas Instruments ADC0804LCWMX Datasheet HTML 8Page - Texas Instruments ADC0804LCWMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
ADC080x 8-Bit, µP-Compatible, Analog-to-Digital Converters
1 Features
3 Description
The ADC0801, ADC0802, ADC0803, ADC0804, and
1
•
Compatible With 8080-µP Derivatives – No
ADC0805
devices
are
CMOS
8-bit
successive
Interfacing Logic Needed – Access Time 135 ns
approximation converters (ADC) that use a differential
•
Easy Interface to All Microprocessors, or Operates
potentiometric ladder — similar to the 256R products.
as a Stand-Alone Deivce
These converters are designed to allow operation
with the NSC800 and INS8080A derivative control
•
Differential Analog Voltage Inputs
bus with Tri-state output latches directly driving the
•
Logic Inputs and Outputs Meet Both MOS and
data bus. These ADCs appear like memory locations
TTL Voltage-Level Specifications
or I/O ports to the microprocessor and no interfacing
•
Works With 2.5-V (LM336) Voltage Reference
logic is needed.
•
On-Chip Clock Generator
Differential analog voltage inputs allow increasing the
•
0-V to 5-V Analog Input Voltage Range With
common-mode rejection and offsetting the analog
Single 5-V Supply
zero input voltage value. In addition, the voltage
reference input can be adjusted to allow encoding
•
No Zero Adjust Required
any smaller analog voltage span to the full 8 bits of
•
0.3-Inch Standard Width 20-Pin DIP Package
resolution.
•
20-Pin Molded Chip Carrier or Small Outline
Package
Device Information(1)
•
Operates Ratiometrically or With 5 VDC, 2.5 VDC,
PART NUMBER
PACKAGE
BODY SIZE (NOM)
or Analog Span Adjusted Voltage Reference
ADC0801,
PDIP (20)
26.073 mm × 6.604 mm
ADC0803
•
Key Specifications
PDIP (20)
26.073 mm × 6.604 mm
ADC0802,
–
Resolution: 8 Bits
ADC0804
SOIC (20)
12.80 mm × 7.50 mm
–
Total Error: ±1/4 LSB, ±1/2 LSB and ±1 LSB
(1) For all available packages, see the orderable addendum at
–
Conversion Time: 100 µs
the end of the data sheet.
2 Applications
•
Operates With Any 8-Bit µP Processors or as a
Stand-Alone Device
•
Interface to Temp Sensors, Voltage Sources, and
Transducers
Typical Application Schematic
ADC0801 Specified With ±¼ LSB Accuracy
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC0804LCWMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0804LCWMX TI-ADC0804LCWMX Datasheet
3Mb / 48P
8-Bit muP Compatible A/D Converters
ADC0804LCWMX/NOPB TI-ADC0804LCWMX/NOPB Datasheet
3Mb / 48P
8-Bit muP Compatible A/D Converters
More results

Similar Description - ADC0804LCWMX

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HK12BGC-2 DATEL-DAC-HK12BGC-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMM-QL DATEL-DAC-HF12BMM-QL Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM-C DATEL-DAC-HF8BMM-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM DATEL-DAC-HF8BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com