Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 29Page - Texas Instruments DAC8563SDGST Datasheet HTML 30Page - Texas Instruments DAC8563SDGST Datasheet HTML 31Page - Texas Instruments DAC8563SDGST Datasheet HTML 32Page - Texas Instruments DAC8563SDGST Datasheet HTML 33Page - Texas Instruments DAC8563SDGST Datasheet HTML 34Page - Texas Instruments DAC8563SDGST Datasheet HTML 35Page - Texas Instruments DAC8563SDGST Datasheet HTML 36Page - Texas Instruments DAC8563SDGST Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
IN
O UT
REF
n
D
V
=
V
Gain
2
æ
ö
´
´
ç
÷
è
ø
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
8.4.2 Gain Function
The gain register controls the GAIN setting in the DAC transfer function:
(2)
The DAC756x, DAC816x, and DAC856x devices have a gain register for each channel. The gain for each
channel, in Equation 2, is either 1 or 2. This gain is automatically set to 2 when using the internal reference, and
is automatically set to 1 when the internal reference is disabled (default). However, each channel can have either
gain by setting the registers appropriately. The gain registers are accessible by setting the serial interface
command bits to 000, address bits to 010, and using DB1 for DAC-B and DB0 for DAC-A. See Table 7 and
Table 17 for the full command structure. The gain registers are automatically reset to provide either gain of 1 or 2
when the internal reference is powered off or on, respectively. After the reference is powered off or on, the gain
register is again accessible to change the gain.
Table 7. DAC-n Selection for Gain Register Command
DB1, DB0
Value
Gain
DB0
0
DAC-A uses gain = 2 (default with internal reference)
1
DAC-A uses gain = 1 (default with external reference)
DB1
0
DAC-B uses gain = 2 (default with internal reference)
1
DAC-B uses gain = 1 (default with external reference)
8.4.3 Software Reset Function
The DAC756x, DAC816x, and DAC856x devices contain a software reset feature. The software reset function is
accessed by setting the serial interface command bits to 101. The software reset command contains two reset
modes which are software-programmable by setting bit DB0 in the shift register. Table 8 and Table 17 show the
available software reset commands.
Table 8. Software Reset
DB0
Registers Reset to Default Values
0
DAC registers
Input registers
1
DAC registers
Input registers
LDAC registers
Power-down registers
Internal reference register
Gain registers
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com