Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 3Page - Texas Instruments DAC8563SDGST Datasheet HTML 4Page - Texas Instruments DAC8563SDGST Datasheet HTML 5Page - Texas Instruments DAC8563SDGST Datasheet HTML 6Page - Texas Instruments DAC8563SDGST Datasheet HTML 7Page - Texas Instruments DAC8563SDGST Datasheet HTML 8Page - Texas Instruments DAC8563SDGST Datasheet HTML 9Page - Texas Instruments DAC8563SDGST Datasheet HTML 10Page - Texas Instruments DAC8563SDGST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
Electrical Characteristics (continued)
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS(2)
Input-pin leakage current
–1
±0.1
1
µA
Logic input LOW voltage VIL
0
0.8
V
0.7 ×
Logic input HIGH voltage VIH
AVDD
V
AVDD
Pin capacitance
3
pF
REFERENCE
External VREF = 2.5 V (when internal reference is
External reference current
15
µA
disabled), all channels active using gain = 1
Internal reference disabled, gain = 1
170
Reference input impedance
k
Ω
Internal reference disabled, gain = 2
85
REFERENCE OUTPUT
Output voltage
TA = 25°C
2.495
2.5
2.505
V
Initial accuracy
TA = 25°C
–5
±0.1
5
mV
Output-voltage temperature drift
4
10
ppm/°C
Output-voltage noise
f = 0.1 Hz to 10 Hz
12
µVPP
TA = 25°C, f = 1 kHz, CL = 0 µF
250
Output-voltage noise density (high-
TA = 25°C, f = 1 MHz, CL = 0 µF
30
nV/
√Hz
frequency noise)
TA = 25°C, f = 1 MHz, CL = 4.7 µF
10
Load regulation, sourcing(4)
TA = 25°C
20
µV/mA
Load regulation, sinking(4)
TA = 25°C
185
µV/mA
Output-current load capability(2)
±20
mA
Line regulation
TA = 25°C
50
µV/V
Long-term stability or drift (aging)(4)
TA = 25°C, time = 0 to 1900 hours
100
ppm
First cycle
200
Thermal hysteresis(4)
ppm
Additional cycles
50
(4)
See the Application Information section of this data sheet.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com