Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G462ATR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L3G462ATR
Description  625 dps full scale - 3-axis analog gyroscope
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G462ATR Datasheet(HTML) 4 Page - STMicroelectronics

  L3G462ATR Datasheet HTML 1Page - STMicroelectronics L3G462ATR Datasheet HTML 2Page - STMicroelectronics L3G462ATR Datasheet HTML 3Page - STMicroelectronics L3G462ATR Datasheet HTML 4Page - STMicroelectronics L3G462ATR Datasheet HTML 5Page - STMicroelectronics L3G462ATR Datasheet HTML 6Page - STMicroelectronics L3G462ATR Datasheet HTML 7Page - STMicroelectronics L3G462ATR Datasheet HTML 8Page - STMicroelectronics L3G462ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Mechanical and electrical specifications
L3G462A
4/11
Doc ID 018584 Rev 1
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Vdd = 3.0 V, T = 25 °C unless otherwise noted (a)
a.
The product is factory calibrated at 3.0 V. The operational power supply range is specified in
Table 4.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
±625
dps
So
Sensitivity
2
mV/dps
SoDr
Sensitivity change vs.
temperature
±0.017
%/°C
Zrl
Zero-rate level
1.5
V
OffDr
Zero-rate level change
vs. temperature(2)
±0.04
dps/°C
NL
Non linearity(3)
Best fit straight line
0.5
% FS
Rn
Rate noise density
0.017
dps/
BW
Bandwidth
140
Hz
TSo
Temperature sensor
sensitivity
-2
mV/°C
TOff
Temperature sensor
offset
27 °C
640
mV
TonPD
Turn-on time
From PD to normal mode
150
ms
TonSl
Turn-on time
From sleep to normal
mode (no external filter
applied)
10
ms
Top
Operating temperature
range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Min. and max. values have been estimated based on the measurements of the current gyros in production.
3.
Guaranteed by design.
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com