Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G462ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3G462ATR
Description  625 dps full scale - 3-axis analog gyroscope
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G462ATR Datasheet(HTML) 1 Page - STMicroelectronics

  L3G462ATR Datasheet HTML 1Page - STMicroelectronics L3G462ATR Datasheet HTML 2Page - STMicroelectronics L3G462ATR Datasheet HTML 3Page - STMicroelectronics L3G462ATR Datasheet HTML 4Page - STMicroelectronics L3G462ATR Datasheet HTML 5Page - STMicroelectronics L3G462ATR Datasheet HTML 6Page - STMicroelectronics L3G462ATR Datasheet HTML 7Page - STMicroelectronics L3G462ATR Datasheet HTML 8Page - STMicroelectronics L3G462ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2011
Doc ID 018584 Rev 1
1/11
11
L3G462A
MEMS motion sensor:
± 625 dps full scale - 3-axis analog gyroscope
Features
■ ± 625 dps full scale
■ Wide supply voltage range 2.4 V to 3.6 V
■ Embedded power-down and sleep mode to
save power consumption and shorten turn-on
time
■ Integrated temperature sensor
■ Embedded low pass filter
■ High shock survivability
■ Extended operating temperature range (-40 °C
to 85 °C)
■ ECOPACK® RoHS and “Green” compliant
Applications
■ Gaming and virtual reality input devices
■ Motion control with MMI (man-machine
interface)
■ GPS navigation systems
■ Appliances and robotics
Description
The L3G462A is a low-power 3-axis angular rate
sensor.
It includes a sensing element and an IC interface
able to provide the measured angular rate to the
external world through three analog outputs.
The sensing element is manufactured using a
dedicated micromachining process developed by
ST to produce inertial sensors and actuators on
silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the sensing element characteristics.
The L3G462A is available in a plastic land grid
array (LGA) package and can operate within a
temperature range from -40 °C to +85 °C.
LGA-16 (4x4x1.1 mm)
Table 1.
Device summary
Order code
Temperature range (°C)
Package
Packing
L3G462A
-40 to +85
LGA-16 (4x4x1.1)
Tray
L3G462ATR
-40 to +85
LGA-16 (4x4x1.1)
Tape and reel
www.st.com


Similar Part No. - L3G462ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
L3G4200DTR STMICROELECTRONICS-L3G4200DTR Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3G4200DTR STMICROELECTRONICS-L3G4200DTR Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
More results

Similar Description - L3G462ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR430AL STMICROELECTRONICS-LPR430AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll 짹300 dps analog gyroscope
29-Oct-2009
LPR403AL STMICROELECTRONICS-LPR403AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±30 dps analog gyroscope
29-Oct-2009
LPR410AL STMICROELECTRONICS-LPR410AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±100 dps analog gyroscope
29-Oct-2009
LPR450AL STMICROELECTRONICS-LPR450AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±500 dps analog gyroscope
29-Oct-2009
LPR4150AL STMICROELECTRONICS-LPR4150AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±1500 dps analog gyroscope
29-Oct-2009
LPY403AL STMICROELECTRONICS-LPY403AL Datasheet
282Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±30 dps analog gyroscope
29-Oct-2009
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±100 dps analog gyroscope
29-Oct-2009
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±300 dps analog gyroscope
29-Oct-2009
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±500 dps analog gyroscope
29-Oct-2009
LPY4150AL STMICROELECTRONICS-LPY4150AL Datasheet
265Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±1500 dps analog gyroscope
29-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com