Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L79 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L79
Description  Negative voltage regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79 Datasheet(HTML) 1 Page - STMicroelectronics

  L79 Datasheet HTML 1Page - STMicroelectronics L79 Datasheet HTML 2Page - STMicroelectronics L79 Datasheet HTML 3Page - STMicroelectronics L79 Datasheet HTML 4Page - STMicroelectronics L79 Datasheet HTML 5Page - STMicroelectronics L79 Datasheet HTML 6Page - STMicroelectronics L79 Datasheet HTML 7Page - STMicroelectronics L79 Datasheet HTML 8Page - STMicroelectronics L79 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
June 2014
DocID2149 Rev 22
1/28
L79
Negative voltage regulators
Datasheet
- production data
Features
• Output current up to 1.5 A
• Output voltages of - 5; - 8; - 12; - 15 V
• Thermal overload protection
• Short circuit protection
• Output transition SOA protection
• Output tolerance 2% (AC version) or 4%
(C version) at 25°C
Description
The L79 series of three-terminal negative
regulators is available in TO-220, TO-220FP and
D²PAK packages and several fixed output
voltages, making it useful in a wide range of
applications. These regulators can provide local
on-card regulation, eliminating the distribution
problems associated with single point regulation;
furthermore, having the same voltage option as
the L78 positive standard series, they are
particularly suited for split power supplies. If
adequate heat sinking is provided, they can
deliver over 1.5 A output current. Although
designed primarily as fixed voltage regulators,
these devices can be used with external
components to obtain adjustable voltages and
currents.
TO-220
TO-220FP
D²PAK
Table 1. Device summary
Order codes
Output
voltages
TO-220
(single gauge)
TO-220
(dual gauge)
D²PAK
TO-220FP
L7905ACV
L7905ACV-DG
L7905ACD2T-TR
- 5 V
L7905CV
L7905CV-DG
L7905CD2T-TR
L7905CP
- 5 V
L7908CV
L7908CV-DG
- 8 V
L7912ACV
L7912ACV-DG
- 12 V
L7912CV
L7912CV-DG
L7912CD2T-TR
L7912CP
- 12 V
L7915ACV
L7915ACV-DG
- 15 V
L7915CV
L7915CV-DG
L7915CP
- 15 V
www.st.com


Similar Part No. - L79

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L79 VCC-L79 Datasheet
590Kb / 2P
LED Indicator lights mounting hole
logo
STMicroelectronics
L7900 STMICROELECTRONICS-L7900 Datasheet
445Kb / 13P
NEGATIVE VOLTAGE REGULATORS
Nov-1999
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
2% NEGATIVE VOLTAGE REGULATORS
Nov-1999
L7900AC STMICROELECTRONICS-L7900AC Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
L7900AC STMICROELECTRONICS-L7900AC_07 Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
More results

Similar Description - L79

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Texas Instruments
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62K TOREX-XC62K_1 Datasheet
1Mb / 17P
Negative Voltage Regulators
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com