Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L79 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L79
Description  Negative voltage regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L79 Datasheet HTML 10Page - STMicroelectronics L79 Datasheet HTML 11Page - STMicroelectronics L79 Datasheet HTML 12Page - STMicroelectronics L79 Datasheet HTML 13Page - STMicroelectronics L79 Datasheet HTML 14Page - STMicroelectronics L79 Datasheet HTML 15Page - STMicroelectronics L79 Datasheet HTML 16Page - STMicroelectronics L79 Datasheet HTML 17Page - STMicroelectronics L79 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Application information
L79
14/28
DocID2149 Rev 22
6
Application information
Note:
CI is required for stability. For value given, capacitor must be solid tantalum. If aluminium
electrolytic are used, at least ten times value should be selected. CO is required if regulator
is located an appreciable distance from power supply filter. To improve transient response. If
large capacitors are used, a high current diode from input to output (1N4001 or similar)
should be introduced to protect the device from momentary input short circuit.
(*) Against potential latch-up problems.
Figure 4. Fixed output regulator
Figure 5. Split power supply (± 15 V - 1 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com