Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32-WDW6TP Datasheet(PDF) 26 Page - STMicroelectronics

Part # M35B32-WDW6TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WDW6TP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M35B32-WDW6TP Datasheet HTML 22Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 23Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 24Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 25Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 26Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 27Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 28Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 29Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Instructions
M35B32
26/44
DocID18391 Rev 4
Figure 14. Page Program (PP) instruction sequence
1. 1
≤ n ≤ 256.
2. Address bits A15 to A12 are Don’t Care.
6.9
ECC (error correction code) and write cycling
The M35B32 devices offer an ECC (error correction code) logic which compares each 4-
byte word with its associated 6 EEPROM bits of ECC. As a result, if a single bit out of
4 bytes of data happens to be erroneous during a read operation, the ECC detects it and
replaces it with the correct value. The read reliability is therefore much improved by the use
of this feature.
Note, however, that even if a single byte has to be written, 4 bytes are internally modified
(plus the ECC bits), that is, the addressed byte is cycled together with the other three bytes
making up the word. It is therefore recommended to write data by word (4 bytes) at address
4*N (where N is an integer) in order to benefit from the larger amount of Write cycles.
Those devices are qualified at 1 million (1 000 000) write cycles, using a cycling routine that
writes to the device by multiples of 4-byte packets.
C
D
AI01795D
S
Q
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
High Impedance
Instruction
16-Bit Address
0
765432
0
1
Data Byte
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com