Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32-WDW6TP Datasheet(PDF) 43 Page - STMicroelectronics

Part # M35B32-WDW6TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WDW6TP Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M35B32-WDW6TP Datasheet HTML 36Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 37Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 38Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 39Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 40Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 41Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 42Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 43Page - STMicroelectronics M35B32-WDW6TP Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
DocID18391 Rev 4
43/44
M35B32
Revision history
43
13
Revision history
Table 16. Document revision history
Date
Version
Changes
15-Mar-2011
1
Initial release.
04-Apr-2011
2
Updated:
– Section : Typical application
– Note b on page 6
24-May-2011
3
Status of document changed from Internal to Public.
27-May-2015
4
Updated:
– Features;
– Disclaimer: Removed military warning;
– Section 11: Package mechanical data;
– Figure 22: SO8N – 8-lead plastic small outline, 150 mils body width,
package outline;
– Figure 24: TSSOP8 – 8-lead thin shrink small outline, 3 x 4.4 mm,
0.5 mm pitch, package outline
– Figure 25: UFDFN8 - 8-lead, 2 × 3 mm, 0.5 mm pitch ultra thin profile
fine pitch dual flat package outline
– Table 12: SO8N – 8-lead plastic small outline, 150 mils body width,
package mechanical data
– Table 13: TSSOP8 – 8-lead thin shrink small outline, 3 x 4.4 mm,
0.5 mm pitch, package mechanical data
– Table 14: UFDFN8 - 8-lead, 2 × 3 mm, 0.5 mm pitch ultra thin profile
fine pitch dual flat package mechanical data
Added:
– Figure 23: SO8N – 8-lead plastic small outline, 150 mils body width,
package recommended footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com