Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32-WMC3TP Datasheet(PDF) 18 Page - STMicroelectronics

Part # M35B32-WMC3TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC3TP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M35B32-WMC3TP Datasheet HTML 14Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 15Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 16Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 17Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 18Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 19Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 20Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 21Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Instructions
M35B32
18/44
DocID18391 Rev 4
6.3
Read Identification (RDID)
The Read Identification (RDID) instruction allows the 8-bit manufacturer identification to be
read, followed by two bytes of device identification. The manufacturer identification is
assigned by JEDEC, and has the value 20h for STMicroelectronics. The device
identification is assigned by the device manufacturer, and indicates the memory type in the
first byte (58h), and the memory capacity of the device in the second byte (0Ch).
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is
not decoded, and has no effect on the cycle that is in progress.
The device is first selected by driving Chip Select (S) low. Then, the 8-bit instruction code for
the instruction is shifted in. This is followed by the 24-bit device identification, stored in the
memory, being shifted out on Serial Data Output (Q), each bit being shifted out during the
falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 9.
The Read Identification (RDID) instruction is terminated by driving Chip Select (S) high at
any time during data output.
When Chip Select (S) is driven high, the device is put in the Standby Power mode. Once in
the Standby Power mode, the device waits to be selected, so that it can receive, decode and
execute instructions.
Figure 9. Read Identification (RDID) instruction sequence and data-out sequence
Table 3. Read Identification (RDID) data-out sequence
Manufacturer Identification
Device Identification
Memory type
Memory capacity
20h
10h
0Ch
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI06809
Q
Manufacturer Identification
High Impedance
MSB
15 14 13
3210
Device Identification
MSB
16 16 18
28 29 30 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com