Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32-WMC3TP Datasheet(PDF) 23 Page - STMicroelectronics

Part # M35B32-WMC3TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC3TP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M35B32-WMC3TP Datasheet HTML 19Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 20Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 21Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 22Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 23Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 24Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 25Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 26Page - STMicroelectronics M35B32-WMC3TP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
DocID18391 Rev 4
23/44
M35B32
Instructions
43
6.7
Page Write (PW)
As shown in Figure 13, to send this instruction to the device, Chip Select (S) is first driven
low. The bits of the instruction byte, address bytes, and at least one data byte are then
shifted in, on Serial Data Input (D). The instruction is terminated by driving Chip Select (S)
high at a byte boundary of the input data. In the case of Figure 13, this occurs after the
eighth bit of the data byte has been latched in, indicating that the instruction is being used to
write a single byte. The self-timed Write cycle starts from the rising edge of Chip Select (S),
and continues for a period tPW (as specified in Table 11), at the end of which the Write in
Progress (WIP) bit is reset to 0.
However, if Chip Select (S) continues to be driven low, the next byte of input data is shifted
in, so that more than a single byte, starting from the given address towards the end of the
same page, can be written in a single internal Write cycle.
Each time a new data byte is shifted in, the least significant bits of the internal address
counter are incremented. If the number of data bytes sent to the device exceeds the page
boundary, the internal address counter rolls over to the beginning of the page, and the
previous data there are overwritten with the incoming data. (The page size of these devices
is 256 bytes).
The instruction is not accepted, and is not executed, under the following conditions:
•
If the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before)
•
If a write cycle is already in progress
•
If the device has not been deselected, by Chip Select (S) being driven high, at a byte
boundary (after the eighth bit b0, of the last data byte that has been latched in)
•
If the addressed page is in the region protected by the Block Protect (BP3, BP2, BP1,
BP0) bits.
Note:
The self-timed write cycle tPW is internally executed as a sequence of two consecutive
events: [Erase addressed byte(s)], followed by [Program addressed byte(s)]. An erased bit
is read as “1” and a programmed bit is read as “0”.
A Page Write (PW) instruction applied to a page that is Hardware Protected is not executed.
Any Page Write (PW) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com