Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05LTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # SEA05LTR
Description  Advanced constant voltage and constant current controller with very efficient LED pilot-lamp driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05LTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SEA05LTR Datasheet HTML 3Page - STMicroelectronics SEA05LTR Datasheet HTML 4Page - STMicroelectronics SEA05LTR Datasheet HTML 5Page - STMicroelectronics SEA05LTR Datasheet HTML 6Page - STMicroelectronics SEA05LTR Datasheet HTML 7Page - STMicroelectronics SEA05LTR Datasheet HTML 8Page - STMicroelectronics SEA05LTR Datasheet HTML 9Page - STMicroelectronics SEA05LTR Datasheet HTML 10Page - STMicroelectronics SEA05LTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SEA05L
Application information
Doc ID 18462 Rev 1
7/12
Current control
The current loop is controlled via a transconductance operational amplifier, the sense
resistor Rsense, and the optocoupler.
The control equation verifies:
Equation 3
Equation 4
where IOmax is the desired limited current, and Vcsth is the threshold voltage for the current
control loop. As an example, with Iomax = 1 A, Vcsth = 50 mV, then Rsense = 50 mΩ.
Note that the Rsense resistor should be chosen, taking into account the maximum dissipation
(Plim) through it during full load operation.
Equation 5
As an example, with IOmax = 1 A and Vcsth = 50 mV, Plim = 50 mW.
Therefore, for most adaptor and battery charger applications, a low-power resistor is
suitable for the current sensing function.
Vcsth threshold is achieved internally by a voltage divider tied to an internal precise voltage
reference. Its midpoint is tied to the positive input of the current control operational amplifier,
and its endpoint is connected to GND. The resistors of this voltage divider are matched to
provide the best precision possible. The current sinking outputs of the two transconductance
operational amplifiers are common (to the output of the IC). This makes an OR function
which ensures that whenever the current or the voltage reaches excessively high values, the
optocoupler is activated.
The relationship between the controlled current and the controlled output voltage can be
described with a square characteristic as shown in the following V/I output-power graph
(with power supply of the device independent from the output voltage).
csth
O
sense
V
I
R
=
∗
max
max
O
csth
sense
I
V
R
=
max
lim
O
csth
I
V
P
∗
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com