Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05LTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # SEA05LTR
Description  Advanced constant voltage and constant current controller with very efficient LED pilot-lamp driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05LTR Datasheet(HTML) 5 Page - STMicroelectronics

  SEA05LTR Datasheet HTML 1Page - STMicroelectronics SEA05LTR Datasheet HTML 2Page - STMicroelectronics SEA05LTR Datasheet HTML 3Page - STMicroelectronics SEA05LTR Datasheet HTML 4Page - STMicroelectronics SEA05LTR Datasheet HTML 5Page - STMicroelectronics SEA05LTR Datasheet HTML 6Page - STMicroelectronics SEA05LTR Datasheet HTML 7Page - STMicroelectronics SEA05LTR Datasheet HTML 8Page - STMicroelectronics SEA05LTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SEA05L
Operation
Doc ID 18462 Rev 1
5/12
Table 5.
Electrical characteristics (–25 C° < Tj < 125 °C, VCC = 20 V; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Device supply
VCC
Voltage operating range
3.5
36
V
ICC
Quiescent current
(Ictrl = Vsense = 0, OUT = open)
250
500
µA
Voltage control loop op-amp
Gmv
Transconductance (sink current only)(1)
13.5
S
Vctrl
Voltage reference default value(2)
Tj = 25 °C
2.488
2.5
2.512
V
Ibias
Inverting input bias current
25
nA
Current control loop
Gmi
Transconductance (sink current only) (3)
1.5
7
S
Vcsth
Current sense threshold at I(Iout) = 1 mA(4)
48
50
52
mV
Ibias
Non-inverting input source current
6
µA
Output stage
VOUTlow Low output level at 2 mA sink current
200
400
mV
LED driver
ILD
LED driver sink current capability (peak)
10
mA
fLD
LED driver current modulation frequency
0.6
1
1.4
kHz
VLDlow
Low output level at 5 mA sink current
(internal mosfet on)
450
900
mV
ILD_LKG
LED driver leakage current
(internal mosfet off)
0.5
µA
1.
If the voltage on Vctrl (the negative input of the amplifier) is higher than the positive amplifier input, and it is increased by
1mV, the sinking current at the output OUT will be increased by 3.5 mA.
2.
The internal voltage reference is set at 2.5 V. The voltage control loop precision takes into account the cumulative effects of
the internal voltage reference deviation as well as the input offset voltage of the transconductance operational amplifier.
The internal voltage reference is fixed by bandgap, and trimmed to 0.48 % accuracy at room temperature.
3.
When the inverting input at Isense is greater than 50 mV, and the voltage is increased by 1 mV, the sinking current at the
output Out will be increased by 7 mA.
4.
The internal current sense threshold is triggered when the voltage on pin Isense is 50 mV. The current control loop
precision takes into account the cumulative effects of the internal voltage reference deviation as well as the input offset
voltage of the transconductance operational amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com