Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF Datasheet(PDF) 4 Page - XP Power Limited

Part # SDF
Description  Up to 600 W Peak Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDF Datasheet(HTML) 4 Page - XP Power Limited

  SDF Datasheet HTML 1Page - XP Power Limited SDF Datasheet HTML 2Page - XP Power Limited SDF Datasheet HTML 3Page - XP Power Limited SDF Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Terminal block
3 pins 0.25
(6.35) center
HD-601-3P
INPUT CONNECTORS
Standard
Option ‘G’
NEUTRAL
FG
LINE
CN1
Mating JST part no.
VHR-5N or equivalent
(5 pin, 3 used)
Crimp contacts for JST
VHR Series:
SVH-21T-P1.1 - 22~18awg
SVH-41T-P1.1 - 20~16awg
14-May-13
SDF300
Application Notes
Connectors
Remote On/Off (INH)
Fan Fail (FF)
Power Good (PG)
Thermal Considerations
U Channel
CN3 INH
PSU
CN3 RTN
CN3 PG
+5 V
1 K
CN3 RTN
PSU
CN3 FF
CN3 RTN
Fan OK
Fan Fail
POWER NOT GOOD
POWER GOOD
AIR FLOW
15 CFM
AIR FLOW
15 CFM
Note:
1. Applying <0.3 V or short between pins
INH and RTN turns the output OFF.
2. Applying >4.5 V or open circuit
between pins INH and RTN turns
output ON.
3. The output will enter at hiccup mode.
Recommended maximum time is
3 minutes.
Note:
1. Open collector signal: 28 V maximum
voltage and 5 mA (maximum sink current)
Note:
Sink current = 6 mA, Source current = 1 mA
Power is good 100-500 ms after output is in regulation.
Power not good at least 1 ms before loss of regulation.
In order to ensure safe operation of the PSU in the
end-use equipment, the temperature of the components
listed in the table (right) must not be exceeded. See drawing
above for component locations. The temperature should be
monitored using K type thermocouples placed on the hottest
part of the component (out of any direct airflow).
Temperature Measurement
Component
Max Continuous Temp ºC
C26
85
C6
105
C21
105
L6
120
T1 Coil
120
Single Output Models
Dual Output Models
(1) Available for OEM quantities, contact Sales.
OUTPUT CONNECTORS
Standard
CN2
CN2
Mating JST part no.
VHR-6N or equivalent
RTN
V2
V1
Dual Output models
Terminal block M3 screws
0.33 (8.25) 3 pins
SIGNALS & FAN CONNECTORS
CN3
P.G
FF
RTN
INH
FAN1
+
-
FF
Mating JST Part No
XHP-3 with
SXH-002T-P0.6 Pins
Mating JST Part No
XHP-4 Housing
SXH-002T-P0.6 Pins
RTN
V2
V1
Dual Output models
Mating JST part no.
VHR-8N or equivalent
OPTIONAL OUTPUT CONNECTORS(1)
CN2
CN2
Option ‘D’ (Standard on 5-12 V models)
Option ‘H’ (only on dual output models
in convection-cooled applications)
Dinkle PCB terminals P-830 N
2 pins M5 screws



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com