Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF Datasheet(PDF) 2 Page - XP Power Limited

Part # SDF
Description  Up to 600 W Peak Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDF Datasheet(HTML) 2 Page - XP Power Limited

  SDF Datasheet HTML 1Page - XP Power Limited SDF Datasheet HTML 2Page - XP Power Limited SDF Datasheet HTML 3Page - XP Power Limited SDF Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDF300
Models and Ratings
Output
Voltage
Output Power
Output Current
Model Number(3,4,5,6)
Nominal
Peak(2)
5 V
210 W
42.00 A
120.00 A
SDF300PS05(7)
9 V
245 W
27.27 A
66.67 A
SDF300PS09(7)
12 V
300 W
25.00 A
50.00 A
SDF300PS12
15 V
300 W
20.00 A
40.00 A
SDF300PS15
18 V
300 W
16.67 A
33.30 A
SDF300PS18(7)
24 V
300 W
12.50 A
25.00 A
SDF300PS24
28 V
300 W
10.70 A
21.43 A
SDF300PS28(7)
36 V
300 W
8.33 A
16.67 A
SDF300PS36(7)
48 V
300 W
6.25 A
12.50 A
SDF300PS48
54 V
300 W
5.56 A
11.10 A
SDF300PS54(7)
V1: +5.00 V
V2: +12.0 V
240 W
24.00 A
13.33 A
28.80 A
16.00 A
SDF300PD0512(7)
V1: +5.00 V
V2: +24.0 V
240 W
24.00 A
6.67 A
28.80 A
8.00 A
SDF300PD0524(7)
V1: +5.00 V
V2: +48.0 V
240 W
24.00 A
3.33 A
28.80 A
4.00 A
SDF300PD0548(7)
V1: +12.0 V
V2: +24.0 V
240 W
13.33 A
6.67 A
16.00 A
8.00 A
SDF300PD1224(7)
Notes
Notes
1. Ripple & noise is measured using a 0.1 µF ceramic capacitor in parallel with
22 µF electrolytic and 20 MHz bandwidth
2. Peak load can be taken for 500 µs. Average power not to exceed max power.
3. Add suffix ‘-F’ for top fan cover option e.g. SDF300PS24-F
Add suffix ‘-E’ for end fan cover with screw terminal option e.g. SDF300PS24-E
Add suffix ‘-K’ for end fan cover with IEC inlet option e.g. SDF300PS24-K
4. Add suffix ‘D’ for optional output terminal block on single output models
except the 5 V, 9 V and 12 V output models which are only available with output
terminal blocks eg. SDF300PS24D-F.(7)
5. Add suffix ‘G’ for optional input terminal blocks eg. SDF300PS24DG-F, except
for enclosed with end fan (option ‘-E’) which has input terminal blocks as
standard.(7)
6. Add suffix ‘H’ for optional molex output terminal on dual output models used in
convection applications.(7)
7. Available for OEM quantities, contact Sales.
1. All dimensions are in inches (mm
2. Tolerance: ±0.012 (±0.3)
3. Weight: Enclosed with top fan (option ‘-F’): 1.23 lbs (560 g)
Enclosed with end fan (option ‘-E’ &’-K’): 1.32 lbs (600 g)
4. Mounting holes and mating half connectors common to all models.
Enclosed with top fan (Option ‘ F’)
Mechanical Details
3.20
(81.28)
0.20 (0.5)
2.23 (56.75)
5.00 (127.00)
0.75 (19.05)
A
A
4.50 (114.30)
0.25
(6.35)
0.25
(6.35)
Voltage
Adj.
CN3
CN2
Input Connector
Voltage
Adj.
CN3
CN2
Input Connector
Terminal block
3 pins 0.25
(6.35) center
HD-602-3P
A
A
A
A
2.70 (68.58)
1.75 (44.52)
AA
6.50 (165.10)
0.33 (8.26)
0.33
(64.77)
4.50 (114.30)
3.20
(81.28)
1.60
(40.64)
0.25
(6.35)
A Mounting hole 6 places
M3 x 0.5
ax. screw penetration 0.15 (3.8)
Enclosed with end fan (Option ‘ E’)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com